전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • -4055-R

  • AI
    The **4055-R** (often referenced as the **MCP4055** or generic **4055** series) typically refers to a **Digital Potentiometer** or a specific **Current-Limited Power Switch**, depending on the manufacturer prefix. However, in the context of high-precision electronics, it most commonly refers to a **Digital Potentiometer (DigiPot)**. Below is a breakdown of the technical specifications and components associated with this part. --- ### 1. Technical Specifications The "4055" series is designed to act as a variable resistor controlled by digital signals rather than a manual knob. | Parameter | Typical Value | | :--- | :--- | | **Resistance Options** | 5kΩ, 10kΩ, 50kΩ, 100kΩ | | **Resolution** | 7-bit (128 Taps) | | **Interface** | Up/Down (U/D) Control | | **Operating Voltage** | 1.8V to 5.5V | | **Package Type** | SOT-23-6, SC-70 | | **Temperature Range** | -40°C to +125°C | --- ### 2. Internal Components & Pinout The device is integrated into a small surface-mount package. Here is the functional description of the pins: * **VDD:** Power supply input. * **VSS:** Ground. * **CS (Chip Select):** Enables the device when pulled low. * **U/D (Up/Down):** Controls the direction of the "wiper" movement (increasing or decreasing resistance). * **W (Wiper):** The variable output terminal. * **A / B:** The fixed terminals of the resistor string. --- ### 3. Functional Block Diagram The internal logic of the 4055-R consists of three main stages: 1. **Control Logic:** Decodes the pulses from the Up/Down interface. 2. **EEPROM / Volatile Memory:** Remembers the last wiper position (in some variants) or resets to mid-scale on power-up. 3. **Resistor Ladder:** A series of CMOS switches and polysilicon resistors that determine the output value. --- ### 4. Common Applications * **LCD Contrast Control:** Adjusting the backlight or pixel contrast digitally. * **Volume Control:** Used in audio circuits to replace mechanical potentiometers. * **Sensor Calibration:** Fine-tuning the gain of an Operational Amplifier (Op-Amp). * **Power Supply Regulation:** Adjusting the feedback loop of a DC-DC converter. --- ### 5. Part Number Suffix Logic The **-R** suffix usually denotes specific packaging or resistance characteristics: * **R:** Often indicates "Reel" (Tape and Reel) packaging for automated assembly. * **Resistance Code:** Sometimes followed by a number (e.g., 4055-103) where 103 equals 10kΩ.
    ✨ Follow-up Questions
    • ⤷ How does the Up/Down interface differ from I2C control in digital potentiometers?
    • ⤷ Can the 4055-R be used for high-voltage AC applications?
    • ⤷ What is the difference between volatile and non-volatile memory in these chips?