전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • -95-R

  • AI
    Based on your inquiry, the term **"95-R"** most commonly refers to the **Group 95R Automotive Battery**, which is a high-capacity lead-acid or AGM (Absorbent Glass Mat) battery typically found in European luxury vehicles (BMW, Audi, Mercedes-Benz, etc.). Below is a breakdown of the electronic specifications, internal components, and functional characteristics of a 95-R battery. --- ### 1. Key Technical Specifications The "R" in 95-R stands for "Reverse Polarity," meaning the positive terminal is on the right side when the battery is viewed from the front. | Feature | Typical Specification | | :--- | :--- | | **Voltage** | 12 Volts DC | | **Cold Cranking Amps (CCA)** | 750 - 950 Amps | | **Reserve Capacity (RC)** | 150 - 190 Minutes | | **Chemistry** | Lead-Acid or AGM (Silver Calcium) | | **Weight** | 50 - 60 lbs (approx. 22-27 kg) | --- ### 2. Internal Electronic Parts and Construction A 95-R battery is not just a box of acid; it contains several engineered components to manage high electrical loads. * **Lead-Antimony/Calcium Plates:** These act as the electrodes. In high-end 95-R units, silver-calcium alloys are used to reduce corrosion and increase longevity. * **AGM Separators (in AGM models):** Instead of liquid acid sloshing around, fiberglass mats soak up the electrolyte. This allows for faster electron flow and better resistance to vibration. * **Flame Arrestors:** Integrated into the vent caps to prevent external sparks from igniting the hydrogen gas produced during charging. * **Terminal Posts:** Heavy-duty lead posts designed for high-current draw during engine ignition. --- ### 3. Electrical Function in Vehicle Systems The 95-R is specifically designed to handle the complex electronic architecture of modern cars: 1. **Start-Stop Support:** 95-R AGM batteries are designed to handle frequent engine restarts without significant voltage drops. 2. **Parasitic Load Management:** Large luxury vehicles have many "always-on" modules (GPS, Security, ECU memory). The high reserve capacity of the 95-R ensures these parts don't drain the battery overnight. 3. **Voltage Stability:** It acts as a massive capacitor, smoothing out "noise" and voltage spikes from the alternator to protect sensitive onboard computers. --- ### 4. Dimensions (Physical Footprint) If you are sourcing this part, the physical dimensions are critical for the battery tray: * **Length:** 15.5 inches (394 mm) * **Width:** 6.9 inches (175 mm) * **Height:** 7.5 inches (190 mm)
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard Lead-Acid and an AGM 95-R battery?
    • ⤷ How do I test the health of a 95-R battery using a multimeter?
    • ⤷ Why is the 'Reverse Polarity' (R) designation important for vehicle wiring?