전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • -D56-R

  • AI
    The **D56-R** is a specific model identifier typically associated with high-power, high-frequency **Full Bridge Rectifiers** or **Thyristor/Diode Modules**. These components are essential in industrial power electronics for converting Alternating Current (AC) to Direct Current (DC). --- ### 1. Technical Specifications The "D56-R" series often refers to components manufactured by brands like *Vishay*, *Infineon*, or *IXYS*. Below are the typical parameters for this class of device: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Diode / Rectifier Module | | **Configuration** | Single Diode or Bridge Configuration | | **Voltage Rating (V_RRM)** | 800V to 1600V | | **Current Rating (I_FAV)** | 50A to 60A | | **Housing Style** | R-Type (Stud Mount or Module) | | **Operating Temperature** | -40°C to +150°C | --- ### 2. Key Internal Components The D56-R assembly consists of several electronic layers to handle high thermal and electrical stress: 1. **Semiconductor Wafer:** A large-area silicon chip optimized for low forward voltage drop to reduce power loss. 2. **Passivation Layer:** A glass or silicone coating that protects the junction from moisture and contaminants. 3. **Copper Baseplate:** Provides low thermal resistance, allowing heat to transfer efficiently to an external heatsink. 4. **Terminals:** Heavy-duty screw or solder terminals designed to carry high amperage without melting. --- ### 3. Common Applications Due to its robust construction, the D56-R is used in demanding environments: * **Industrial Power Supplies:** Used in the input stage of high-wattage DC power units. * **Battery Chargers:** Found in large-scale industrial forklift or marine battery charging systems. * **Motor Drives:** Acts as a freewheeling diode or part of the rectification bridge in Variable Frequency Drives (VFDs). * **Welding Equipment:** Converts AC line power into high-current DC for arc welding. --- ### 4. Circuit Symbol and Polarity In a standard **D56-R** (where 'R' often denotes **Reverse Polarity** or specific **Package Orientation**): * **Standard Polarity:** Stud is the Cathode (+), Wire is the Anode (-). * **Reverse Polarity (R):** Stud is the Anode (-), Wire is the Cathode (+). * *Verification:* Always check the symbol printed on the casing, as a triangle pointing toward the stud indicates standard polarity.
    ✨ Follow-up Questions
    • ⤷What is the difference between standard and reverse polarity in stud diodes?
    • ⤷ How do I calculate the heatsink size for a 60A D56-R diode?
    • ⤷ What are the common failure modes of high-power rectifier modules?