전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • -EM-R

  • AI
    The term **EM-R** typically refers to **Electromagnetic Relays**. These are electrically operated switches that use electromagnetism to convert a small electrical signal into a mechanical movement to open or close contacts. --- ### 1. Key Components of an Electromagnetic Relay An EM-R consists of four primary internal parts: | Component | Function | | :--- | :--- | | **Electromagnet (Coil)** | A wire wound around a soft iron core. It creates a magnetic field when current flows. | | **Armature** | A movable iron lever that responds to the magnetic field. | | **Spring** | Returns the armature to its original position when the coil is de-energized. | | **Contacts** | The conductive points (Stationary and Movable) that open or close the circuit. | --- ### 2. How it Works (The Mechanism) 1. **Input Stage:** A low-power current flows through the **Coil**. 2. **Magnetic Field:** The coil creates a magnetic field, turning the iron core into a temporary magnet. 3. **Mechanical Action:** The magnet pulls the **Armature** toward it. 4. **Switching:** The movement of the armature pushes the **Contacts** together (closing a circuit) or pulls them apart (opening a circuit). 5. **Reset:** When power to the coil is cut, the **Spring** pulls the armature back. --- ### 3. Contact Configurations Relays are classified by their "Poles" (number of circuits controlled) and "Throws" (number of positions). * **SPST (Single Pole Single Throw):** A simple ON/OFF switch. * **SPDT (Single Pole Double Throw):** Switches a common signal between two different outputs. * **NO (Normally Open):** Contacts are open when the relay is off. * **NC (Normally Closed):** Contacts are closed when the relay is off. --- ### 4. Technical Specifications When selecting an EM-R, engineers look at these parameters: ```yaml Relay_Specs: Coil_Voltage: "Commonly 5V, 12V, or 24V DC" Contact_Rating: "The maximum current/voltage the contacts can switch (e.g., 10A @ 250VAC)" Switching_Speed: "Typically 5ms to 15ms (Slower than solid-state)" Isolation: "High electrical isolation between control and load circuits" ``` --- ### 5. Advantages and Disadvantages * **Pros:** Can switch both AC and DC; provides complete physical isolation; low contact resistance. * **Cons:** Subject to mechanical wear; creates "contact bounce" (noise); slower than transistors/SSRs; generates "back EMF" (requires a flyback diode).
    ✨ Follow-up Questions
    • ⤷ What is a flyback diode and why is it needed for electromagnetic relays?
    • ⤷ What are the main differences between an EM-R and a Solid State Relay (SSR)?
    • ⤷ How do you calculate the required drive current for a relay coil?