전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • -F23-R

  • AI
    The **F23-R** typically refers to a high-performance **Brushless DC (BLDC) Motor**, commonly used in the RC (Remote Control) hobbyist community, specifically for FPV racing drones and high-speed fixed-wing aircraft. Below is a breakdown of the electronic components and technical specifications associated with this part. --- ### 1. Core Technical Specifications The "F" series (often manufactured by brands like T-Motor) is designed for efficiency and high torque-to-weight ratios. | Parameter | Typical Value / Description | | :--- | :--- | | **Stator Diameter** | 23 mm | | **KV Rating** | Ranges from 1750KV to 2800KV (varies by sub-model) | | **Configuration** | 12N14P (12 Stator slots, 14 Magnetic poles) | | **Input Voltage** | 4S - 6S LiPo (14.8V - 22.2V) | | **Internal Resistance** | ~40mΩ to 70mΩ (depending on KV) | | **Shaft Diameter** | 4mm or 5mm (hollow steel or titanium alloy) | --- ### 2. Internal Electronic Parts The F23-R is an assembly of several critical electronic and electromagnetic components: * **Stator Windings:** High-temperature enameled copper wire. The "R" variant often uses single-strand thick wire to handle higher currents without overheating. * **Magnets:** High-grade **N52H Arc Magnets**. The "H" rating indicates heat resistance, allowing the motor to maintain magnetic flux even when running hot. * **Bearings:** High-speed Japanese **NSK or EZO bearings** to reduce electronic noise and physical vibration. * **PCB/Baseplate:** A small circuit board at the bottom where the three motor phases (U, V, W) are soldered to the lead wires. --- ### 3. Compatible Electronic Ecosystem To function, the F23-R must be connected to a specific electronic chain: #### Electronic Speed Controller (ESC) * **Requirement:** Must support **DShot600** or **DShot1200** protocols. * **Amperage:** Usually requires a **45A to 60A ESC** to handle the burst current during aggressive maneuvers. #### Flight Controller (FC) * The FC sends a PWM or Digital signal to the ESC, which then commutates the F23-R motor. * **PID Loop:** Because of the F23-R's high response rate, the FC firmware (like Betaflight) requires specific tuning to prevent "D-term" oscillation. --- ### 4. Wire Identification The motor features three black or colored wires. Unlike DC brushed motors, these do not have a fixed positive/negative: ```cpp // Motor Phase Rotation Logic Phase_A + Phase_B + Phase_C = Sequential Magnetic Field // To reverse direction: Swap any two wires (e.g., Swap A and B) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1750KV and 2500KV versions of the F23-R?
    • ⤷ What size propellers are recommended for the F23-R motor?
    • ⤷ How do I calculate the maximum current draw for this motor on a 6S battery?