전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • -G10-R

  • AI
    The **G10-R** typically refers to a high-performance **Solid State Relay (SSR)** or a specific industrial controller variant used in power management and automation. Below is a breakdown of its core electronic components, technical specifications, and internal architecture. --- ## 1. Core Technical Specifications The G10-R is designed to act as a bridge between low-power control signals and high-power AC/DC loads. | Feature | Description | | :--- | :--- | | **Input Type** | DC Control (typically 3-32VDC) | | **Output Type** | AC or DC Load (depending on sub-model) | | **Max Current** | Ranges from 10A to 40A (model specific) | | **Switching Type** | Zero-cross (for AC) or Instant-on | | **Isolation** | Opto-electronic isolation (usually >2500V) | --- ## 2. Internal Electronic Architecture The "R" in G10-R often signifies **Ruggedized** or **Relay**-style mounting. The internal components consist of three main stages: ### A. Input Stage (Control) * **Optocoupler:** This is the most critical part. It uses an LED and a phototransistor to transfer the signal using light, ensuring the high-voltage side never leaks back into the low-voltage PLC or microcontroller. * **Current Limiting Resistor:** Protects the internal LED from burning out when connected to the control voltage. ### B. Logic & Trigger Stage * **Zero-Crossing Circuit:** Detects when the AC sine wave hits 0V before turning on. This minimizes Electromagnetic Interference (EMI) and prevents high inrush currents. * **Status LED:** A physical indicator on the housing that glows when the input signal is active. ### C. Output Stage (Power Handling) * **TRIAC or SCRs:** These are the "muscles" of the device. For AC loads, back-to-back SCRs (Silicon Controlled Rectifiers) are used to handle high current and heat. * **Snubber Circuit (RC Network):** A combination of a resistor and capacitor placed across the output to protect the semiconductor from voltage spikes ($dv/dt$) caused by inductive loads like motors. --- ## 3. Physical & External Components * **Heat Sink Base:** The bottom plate is usually made of aluminum or copper. Since SSRs generate heat (approx. 1.2W per Ampere), this plate must be mounted to a larger heat sink. * **Terminal Blocks:** High-torque screw terminals designed to handle thick gauge wiring. * **Protective Cover:** Usually a transparent polycarbonate flip-cover to prevent accidental contact with live high-voltage terminals. --- ## 4. Common Applications 1. **Heating Elements:** PID temperature control in plastic injection molding. 2. **Motor Control:** Small industrial pumps and fans. 3. **Lighting Systems:** Large-scale commercial LED or incandescent dimming/switching.
    ✨ Follow-up Questions
    • ⤷ What is the difference between zero-cross and random-fire switching in the G10-R?
    • ⤷ How do I calculate the required heat sink size for a 20A G10-R load?
    • ⤷ Can the G10-R be used with inductive loads like solenoid valves?