전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • -JNJ-R2

  • AI
    The **JNJ-R2** is a specific electronic component, typically categorized as a **Thick Film Chip Resistor**. These components are fundamental in surface-mount technology (SMT) and are widely used across consumer electronics, industrial controls, and automotive systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The "R2" suffix often denotes the resistance value or a specific revision in the JNJ series. In standard electronic notation, "R2" usually signifies **0.2 Ohms** ($\Omega$). | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Thick Film Chip Resistor | | **Resistance Value** | 0.2 $\Omega$ (if R represents the decimal) | | **Tolerance** | $\pm 1\%$ (F) or $\pm 5\%$ (J) | | **Power Rating** | 0.1W to 1W (Depending on package size) | | **Temperature Coefficient** | $\pm 100$ ppm/°C to $\pm 400$ ppm/°C | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Internal Composition The JNJ-R2 is constructed using several layers to ensure stability and conductivity: * **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic base for heat dissipation. * **Resistive Element:** A ruthenium oxide ($RuO_2$) glass paste layer screen-printed onto the substrate. * **Protective Coating:** An epoxy or glass overcoat to prevent environmental moisture and oxidation. * **Terminations:** Multi-layer end electrodes (usually Silver/Nickel/Tin) for high solderability. --- ### 3. Common Applications Because the JNJ-R2 (specifically the 0.2 Ohm variant) has a very low resistance value, it is primarily used for **Current Sensing** or **Current Limiting**. * **Battery Management Systems (BMS):** Measuring the current flow in and out of battery cells. * **DC-DC Converters:** Providing feedback loops for voltage regulation. * **Motor Controllers:** Sensing stall currents to protect the motor from overheating. * **LED Drivers:** Maintaining a constant current to ensure uniform brightness. --- ### 4. Package Dimensions (SMD) The JNJ series follows standard EIA package sizes. You must match the "R2" part to the footprint on your PCB: | EIA Code | Metric Code | Dimensions (L x W) | | :--- | :--- | :--- | | **0402** | 1005 | 1.0 x 0.5 mm | | **0603** | 1608 | 1.6 x 0.8 mm | | **0805** | 2012 | 2.0 x 1.25 mm | | **1206** | 3216 | 3.2 x 1.6 mm | ---
    ✨ Follow-up Questions
    • ⤷ How do I determine the wattage rating for a JNJ-R2 resistor based on its size?
    • ⤷ What is the difference between thick film and thin film resistors in high-precision circuits?
    • ⤷ Can a JNJ-R2 be used as a shunt resistor for high-current applications?