전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • -SHT-2-R

  • AI
    The **SHT-2-R** is typically a model designation for a **Rotary Selector Switch** or a specific **Temperature/Humidity Sensor Module** (depending on the manufacturer, though it most commonly refers to an industrial-grade selector switch). Below is a technical breakdown of the electronic components and specifications associated with the SHT-2-R series. --- ## 1. Core Specifications Most SHT-2-R components are designed for industrial control panels. Here are the primary electrical characteristics: | Feature | Specification | | :--- | :--- | | **Contact Rating** | 10A @ 250VAC | | **Insulation Resistance** | > 100 MΩ | | **Contact Resistance** | < 50 mΩ | | **Dielectric Strength** | 2500V AC (1 minute) | | **Mechanical Life** | > 500,000 cycles | | **Mounting Diameter** | 22mm (Standard) | --- ## 2. Internal Electronic Parts The SHT-2-R is composed of several modular sub-assemblies: ### A. Contact Blocks * **NO (Normally Open):** Completes the circuit when the switch is turned. * **NC (Normally Closed):** Breaks the circuit when the switch is turned. * **Silver Alloy Contacts:** Used to minimize electrical arcing and ensure high conductivity over thousands of cycles. ### B. Actuator Mechanism * **Rotary Knob:** Usually made of reinforced plastic or metal. * **Stay-Put vs. Spring Return:** "Stay-Put" maintains its position after being turned, while "Spring Return" snaps back to the center/original position. ### C. Terminal Connections * **Screw Terminals:** Heavy-duty screws with pressure plates to secure 14-22 AWG wiring. * **Galvanized Steel/Brass:** Used for terminal plates to prevent corrosion in industrial environments. --- ## 3. Circuit Application In an electronic system, the SHT-2-R acts as a **Human-Machine Interface (HMI)** element. It is commonly used in: 1. **Manual/Auto Selection:** Switching between an automated PLC program and manual override. 2. **Power Sequencing:** Selecting different power rails or phases in a distribution box. 3. **Safety Interlocks:** Ensuring a machine cannot start unless the switch is in a specific "Safe" state. --- ## 4. Environmental Protection To protect the internal electronic contacts, these parts often feature: * **IP65 Rating:** Dust-tight and protected against water jets. * **O-Ring Seals:** Rubber gaskets at the base of the knob to prevent liquid ingress into the control box.
    ✨ Follow-up Questions
    • ⤷ How do I wire a 3-position SHT-2-R switch for a motor controller?
    • ⤷ What is the difference between SHT-2-R and SHT-3-R models?
    • ⤷ Can the contact blocks be replaced or added to this specific switch?