전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • -TL-R2

  • AI
    The **TL-R2** is most commonly identified as a versatile, low-cost **DIY robot chassis kit** or a specific **Logic Controller/Relay module** depending on the manufacturer. Below is an explanation of the electronic components typically found in the TL-R2 robotics platform. --- ### 1. Primary Electronic Components | Component | Function | Technical Description | | :--- | :--- | :--- | | **DC Geared Motors** | Propulsion | Typically 3V-6V motors with a 1:48 reduction ratio to provide torque for movement. | | **L298N Motor Driver** | Power Control | An H-Bridge module that allows the microcontroller to control the speed and direction of the motors. | | **Microcontroller** | Brains | Usually an Arduino Uno or Nano compatible board that processes sensor data and sends commands. | | **Optical Encoders** | Speed Monitoring | Slotted disks attached to the motor shafts used to measure RPM and distance traveled. | | **Battery Holder** | Power Supply | Typically holds 4x AA batteries or 2x 18650 Li-ion batteries to provide 6V-7.4V. | --- ### 2. Sensor Integration The TL-R2 chassis is designed with pre-drilled holes to support various electronic sensors: * **HC-SR04 Ultrasonic Sensor:** Used for obstacle avoidance by measuring distances. * **IR Line Tracking Modules:** Infrared emitters and receivers located at the bottom to follow black lines on a white surface. * **Servo Motors (SG90):** Often used to rotate the ultrasonic sensor to "look" left and right. --- ### 3. Wiring and Connectivity To make the TL-R2 functional, the electronic parts are connected via a specific signal flow: 1. **Input:** Sensors (IR/Ultrasonic) send TTL signals to the **Microcontroller**. 2. **Processing:** The Microcontroller calculates the required movement based on programmed logic. 3. **Output:** The Microcontroller sends PWM (Pulse Width Modulation) signals to the **L298N Driver**. 4. **Execution:** The Driver draws high current from the **Batteries** to turn the **DC Motors**. --- ### 4. Technical Specifications (Typical) ```cpp // Example: Basic Motor Control Pinout for TL-R2 #define ENA 9 // Speed control Motor A #define IN1 8 // Direction 1 Motor A #define IN2 7 // Direction 2 Motor A #define IN3 5 // Direction 1 Motor B #define IN4 4 // Direction 2 Motor B #define ENB 3 // Speed control Motor B ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage the TL-R2 motor driver can handle?
    • ⤷ How do I calibrate the optical encoders on this chassis?
    • ⤷ Which microcontroller is best suited for a beginner using the TL-R2?