전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 00-36-R

  • AI
    The part number **00-36-R** is most commonly associated with **Volex**, a global manufacturer of power products. Specifically, it refers to a **Power Cord Plug Adapter** or a specialized high-current connector assembly used in data centers and industrial power distribution. --- ### Technical Specifications The 00-36-R is typically a heavy-duty power component designed for high-voltage environments. Below are the general specifications for this part category: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Volex | | **Part Type** | Power Cord / Plug Adapter | | **Current Rating** | 20A to 30A (depending on the specific configuration) | | **Voltage Rating** | 125V to 250V AC | | **Plug Type** | Often NEMA L6-20P or L6-30P (Twist-Lock) | | **Compliance** | RoHS Compliant (indicated by the "-R" suffix) | --- ### Key Electronic Components & Features The "00-36-R" series often features specific design elements to ensure safety and durability: 1. **RoHS Compliance (`-R` Suffix):** The "R" at the end of the part number signifies that the component is **RoHS (Restriction of Hazardous Substances) compliant**, meaning it is free from lead, mercury, cadmium, and other hazardous materials. 2. **Twist-Lock Mechanism:** Many parts in this series use a locking mechanism to prevent accidental disconnection caused by vibration or physical strain, which is critical in server racks. 3. **Strain Relief:** The assembly includes a heavy-duty molded strain relief at the junction of the wire and the plug to prevent internal wiring fatigue. 4. **Conductor Gauge:** These parts usually utilize 10 AWG or 12 AWG copper wiring to handle high-current loads without overheating. --- ### Common Applications These parts are not consumer-grade electronics but are found in specialized infrastructure: * **PDU Connections:** Used to connect Power Distribution Units (PDUs) to wall outlets in server rooms. * **Industrial Machinery:** Providing stable power to high-draw manufacturing equipment. * **Uninterruptible Power Supplies (UPS):** Often used as the input/output cable for large-scale battery backup systems. ---
    ✨ Follow-up Questions
    • ⤷What is the specific NEMA configuration for the 00-36-R plug?
    • ⤷ Does the 00-36-R have an international equivalent for European standards?
    • ⤷ Are there alternative manufacturers for this specific power cord?