전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 02-R

  • AI
    The term **"02-R"** is most commonly associated with **SMD (Surface Mount Device) components**, specifically referring to the physical size of a part (like a resistor or capacitor). However, depending on the context, "02-R" can refer to an **EIA Package Size** or a specific **Manufacturer Part Series**. Below is the breakdown of these electronics parts. --- ### 1. The 0201 (or 02) Case Size In the electronics industry, "02" often refers to the **0201** package size. These are extremely small components used in high-density circuits like smartphones and wearables. | Metric Size | Imperial Size | Dimensions (L x W) | Typical Use | | :--- | :--- | :--- | :--- | | **0603** | **0201** | 0.6mm x 0.3mm | Smartphones, IoT modules | | **0402** | **01005** | 0.4mm x 0.2mm | Ultra-miniature medical tech | *Note: If "02-R" appears on a schematic, it often signifies a **Resistor (R)** in an **0201** package.* --- ### 2. Common Components with "02-R" Suffix Many manufacturers use "02-R" as a suffix to denote compliance with environmental standards or specific electrical tolerances. #### A. RoHS Compliance Many legacy manufacturers (such as **Cooper Bussmann** or **Eaton**) added **-R** to their part numbers to indicate **RoHS Compliance** (Lead-Free). * **Example:** `6125FA2-R` (A fuse where '2' is the amp rating and '-R' is RoHS). #### B. The "02" Series Inductors/Fuses | Part Type | Common "02-R" Usage | Function | | :--- | :--- | :--- | | **Fuses** | TR/3216FF2-R | A 2-Amp fast-acting chip fuse. | | **Resistors** | CR02-R | Often used by brands like Bourns or Vishay to denote a specific resistance range in a small form factor. | --- ### 3. Visual Identification on a PCB If you are looking at a circuit board and see "02-R" or similar markings: 1. **Size:** It will be roughly the size of a grain of salt (0.6mm long). 2. **Color:** * **Black:** Usually a Resistor. * **Brown/Tan:** Usually a Capacitor. * **Blue/Green:** Often an Inductor or Fuse. 3. **Labeling:** Because 0201 components are so small, they usually have **no text** printed on the part itself. You must refer to the Bill of Materials (BOM). --- ### 4. Technical Challenges Working with "02" sized parts (0201) requires specialized equipment: * **Soldering:** Requires a microscope and a very fine-tip soldering iron (or hot air station). * **Handling:** Must be handled with anti-static precision tweezers; they are easily lost or "flung" away (often called "carpet monsters").
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific brand like Eaton/Bussmann or a generic SMD size?
    • ⤷ Do you need the specific electrical specifications for an 0201 resistor?
    • ⤷ How do you identify the value of an 0201 component if it has no markings?