전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 030-R

  • AI
    Based on your request, the **030-R** typically refers to a specific series of high-performance **Micro DC Motors** (commonly known as "030 motors"). These are widely used in hobby electronics, toys, and precision instruments. --- ## 1. Specifications Overview The "R" suffix often denotes specific characteristics such as **RoHS compliance** (Lead-free) or a **Round/Rear** configuration depending on the manufacturer (like Mabuchi or Mitsumi). | Feature | Typical Specification | | :--- | :--- | | **Motor Type** | Brushed DC Micro Motor | | **Operating Voltage** | 1.5V - 12.0V DC | | **Rated Speed** | 5,000 - 25,000 RPM (depending on voltage) | | **No-Load Current** | 30mA - 120mA | | **Stall Torque** | 5.0 - 15.0 g-cm | | **Shaft Diameter** | 1.5 mm | --- ## 2. Internal Electronic Components The 030-R is a mechanical-electrical transducer consisting of several key internal parts: ### A. The Commutator and Brushes * **Brushes:** Usually made of precious metal alloys (gold-plated) or carbon. They transfer electricity from the terminals to the rotating coil. * **Commutator:** A split ring that reverses the direction of current flow through the coils as they rotate, maintaining continuous torque. ### B. The Rotor (Armature) * Consists of three poles (windings) wrapped around a laminated steel core. The 3-pole design ensures the motor can start from any position without getting stuck. ### C. Stator Magnets * Two permanent ferrite magnets located inside the steel casing create a constant magnetic field. --- ## 3. Typical Wiring Diagram (PWM Control) To control an 030-R motor using a microcontroller (like an Arduino), you cannot connect it directly to a GPIO pin due to high current draw. An **H-Bridge** (like the L293D or DRV8833) is required. ```cpp // Example: Basic Speed Control via PWM int motorPin = 9; // Connected to H-Bridge PWM Input void setup() { pinMode(motorPin, OUTPUT); } void loop() { analogWrite(motorPin, 128); // Run at 50% speed delay(2000); analogWrite(motorPin, 255); // Run at 100% speed delay(2000); } ``` --- ## 4. Common Applications * **Remote Control (RC) Vehicles:** Steering actuators or small drive motors. * **Cameras:** Zoom and focus lens mechanisms. * **Personal Care:** Electric shavers and toothbrushes. * **Small Appliances:** Blood pressure monitors (pump motor). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an 030-R motor and a 130-size motor?
    • ⤷ How do I calculate the power consumption of an 030-R motor under load?
    • ⤷ What type of motor driver is best for controlling the direction of an 030-R?