AI

The part number **045-3000-R** typically refers to a high-voltage, surface-mount (SMD) gas discharge tube (GDT) or a specialized fuse/circuit protection component, most commonly associated with manufacturers like **Littelfuse**.
Below is a detailed technical breakdown of this electronic component.
---
## 1. Component Overview
The 045 series is generally categorized as a **NANO²® Very Fast-Acting Surface Mount Fuse** or a specialized surge protection device depending on the specific product line prefix. However, based on standard industry numbering for the "045-3000-R" suffix, it is a **3 Amp High-Current Fuse**.
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 3.0 Amperes |
| **Voltage Rating (AC/DC)** | 125V |
| **Fuse Type** | Very Fast-Acting (F) |
| **Package / Case** | 2410 (6125 Metric) / Nano² |
| **Termination Style** | Surface Mount (SMD/SMT) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
| **Operating Temperature** | -55°C to +125°C |
---
## 2. Construction and Materials
The "R" at the end of the part number signifies that the part is **RoHS compliant** and lead-free, adhering to environmental safety standards.
* **Body:** Ceramic or high-temperature composite material.
* **Terminals:** Gold-plated or Sn (Tin) plated caps for high solderability.
* **Element:** A precision-engineered wire or strip designed to melt at a specific thermal threshold.
---
## 3. Typical Applications
This part is designed for space-constrained applications that require reliable overcurrent protection.
1. **Industrial Electronics:** Power supplies, motor control boards, and sensors.
2. **Consumer Electronics:** LCD/LED monitors, notebooks, and gaming consoles.
3. **Telecommunications:** Base stations, line cards, and network switches.
4. **Medical Equipment:** Portable diagnostic tools and monitoring systems.
---
## 4. Performance Characteristics
As a **Very Fast-Acting** fuse, the 045-3000-R is designed to open almost instantaneously when an overcurrent condition occurs. This protects sensitive downstream components (like ICs or Microprocessors) from damage.
* **Interrupting Rating:** Usually 50A @ 125VAC/DC.
* **Nominal Cold Resistance:** Low internal resistance to minimize voltage drop across the component.
---
- ⤷
What is the difference between the 045 and 451 series fuses?
- ⤷ How do I calculate the proper I2t rating for this fuse in my circuit?
- ⤷ Are there automotive-grade equivalents for the 045-3000-R?