전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 0603CS-R18XGRY

  • AI
    The part number **0603CS-R18XGRY** refers to a high-frequency, wire-wound surface mount (SMD) inductor manufactured by **Coilcraft**. This specific component is part of the 0603CS series, known for its high "Q" factors and excellent performance in RF applications. ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific technical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **0603** | Package Size | 0.06 x 0.03 inches (1.6 x 0.8 mm) | | **CS** | Series Type | Ceramic chip inductor (Wire-wound) | | **-R18** | Inductance Value | 180 nH (R denotes decimal point in µH) | | **X** | Tolerance | ±5% (standard for this series) | | **G** | Termination | Gold over nickel (RoHS compliant) | | **R** | Packaging | 7″ machine-ready reel | | **Y** | Testing/Grade | Standard commercial/industrial grade | --- ### 2. Key Technical Specifications The electrical performance of the 0603CS-R18 is optimized for high-frequency filtering and matching circuits. * **Inductance:** 180 nH * **Tolerance:** ±5% * **Quality Factor (Q) Min:** 25 at 100 MHz * **Self-Resonant Frequency (SRF) Typ:** 920 MHz * **DC Resistance (DCR) Max:** 1.25 Ohms * **Idc (Max Current):** 240 mA * **Operating Temperature:** -40°C to +125°C --- ### 3. Core Features and Construction * **Wire-Wound Technology:** Unlike multilayer inductors, these use a wire wound around a ceramic core. This results in much higher Q factors and higher current handling capabilities. * **Ceramic Core:** Provides excellent thermal stability and very low parasitic capacitance, allowing for high SRF (Self-Resonant Frequency). * **Small Footprint:** The 0603 (1608 metric) size is ideal for compact PCB designs in mobile and RF hardware. --- ### 4. Typical Applications This component is typically found in the "RF Front-End" of electronic devices: 1. **Impedance Matching:** Used in antenna circuits to match the impedance of the power amplifier. 2. **Filter Networks:** Part of Low Pass (LPF) or Band Pass Filters (BPF). 3. **VCO Tuning:** Used in Voltage Controlled Oscillators for frequency stability. 4. **Bluetooth/WLAN Modules:** Found in 2.4GHz and sub-GHz communication hardware. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound and a multilayer inductor in RF circuits?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect the performance of this inductor?
    • ⤷ Are there automotive-grade equivalents for the 0603CS series?