전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 0603CS-R22X_L_

  • AI
    The part number **0603CS-R22X_L_** refers to a high-frequency, wire-wound chip inductor typically manufactured by **Coilcraft**. This specific component is designed for RF (Radio Frequency) applications where high Q-factors and tight tolerances are required. --- ## Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Case Size** | 0603 (EIA) | 1.6 x 0.8 mm (0.06 x 0.03 inches) | | **Inductance** | 220 nH (0.22 µH) | Indicated by "R22" | | **Tolerance** | ±2% to ±10% | Varies by the letter suffix (e.g., G=2%, J=5%, K=10%) | | **Core Material** | Ceramic | Non-magnetic core for high-frequency stability | | **Construction** | Wire-wound | Offers lower DC resistance and higher Q than multilayer | | **Termination** | Silver-palladium-platinum-glass frit | Compatible with reflow soldering | --- ## Part Number Breakdown Understanding the nomenclature helps in identifying the exact variant of the component: ### 1. **0603CS** * **0603**: Represents the physical dimensions (0.06" x 0.03"). * **CS**: Product Series code, indicating a **Ceramic Core, Standard** chip inductor. ### 2. **R22** * **R**: Acts as the decimal point. * **22**: Numerical value in microhenries (µH). * *Calculation:* R22 = **0.22 µH** or **220 nH**. ### 3. **X** (Tolerance) This placeholder usually represents the tolerance of the inductance: * **G**: ±2% * **J**: ±5% * **K**: ±10% ### 4. **L_** (Packaging & Finish) * **L**: Typically indicates a Lead-free (RoHS compliant) termination. * The final character (represented by the underscore) usually denotes the packaging type (e.g., **C** for 7" reel, **B** for bulk). --- ## Key Performance Features 1. **High Q Factor:** Because it is wire-wound on a ceramic core, it maintains very low losses at high frequencies, making it ideal for filter and matching circuits. 2. **Self-Resonant Frequency (SRF):** These parts generally have a high SRF (typically around 1200 MHz for this value), ensuring they behave as inductors deep into the GHz range. 3. **Current Handling:** It can typically handle a DC current (Idc) of approximately 250mA to 400mA depending on the specific revision. --- ## Common Applications * **RF Impedance Matching:** Used in the output stages of power amplifiers. * **Filters:** High-pass, low-pass, and band-pass filters for wireless communication. * **Bluetooth/Wi-Fi Modules:** Essential for signal integrity in compact consumer electronics. * **VCOs:** Voltage Controlled Oscillators requiring stable inductance.
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q-factor affect the performance of an RF circuit?
    • ⤷ What is the Self-Resonant Frequency (SRF) of the 0603CS-R22X variant?