전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 09362-R

  • AI
    The term **09362-R** typically refers to a high-reliability, surface-mount **thick film chip resistor**, most commonly associated with specialized manufacturers like *Vishay* or *Ohmite* for military, aerospace, or industrial grade electronics. Below is a breakdown of the technical specifications, characteristics, and applications for this part series. --- ### 1. Technical Specifications The "R" suffix usually denotes a specific tolerance level or a lead-free/RoHS compliant status, depending on the manufacturer's datasheet. | Parameter | Typical Value / Range | Notes | | :--- | :--- | :--- | | **Component Type** | Fixed Resistor | Passive surface mount device (SMD) | | **Technology** | Thick Film | Glass/metal paste on ceramic substrate | | **Case Size** | Variable (often 0805 or 1206) | Check specific package code | | **Resistance Tolerance** | ±1% to ±5% | Precision varies by sub-model | | **Operating Temp** | -55°C to +155°C | Designed for harsh environments | | **Power Rating** | 0.1W to 0.5W | Depending on physical footprint | --- ### 2. Key Components & Materials To understand how the **09362-R** functions, it is important to look at its internal structure: * **Substrate:** High-purity alumina ($Al_2O_3$) ceramic base for heat dissipation. * **Resistive Element:** A ruthenium oxide ($RuO_2$) based thick film. * **Terminations:** Usually a three-layer system: 1. **Inner electrode:** Silver/Palladium. 2. **Barrier layer:** Nickel (prevents leaching). 3. **Outer finish:** Matte Tin (Sn) or Lead/Tin (SnPb) for soldering. --- ### 3. Application Use Cases This specific part number series is generally utilized in "Mission Critical" or high-stability electronic circuits: 1. **Industrial Controls:** Used in PLC (Programmable Logic Controller) boards where thermal stability is required. 2. **Automotive Systems:** Sensors and ECU (Engine Control Unit) mapping due to high vibration resistance. 3. **Power Supplies:** Serving as voltage dividers or current limiters in DC-DC converters. 4. **Telecommunications:** Signal conditioning in base station hardware. --- ### 4. Part Number Interpretation While individual manufacturers have unique coding, a part number like **09362-R** is often decoded as follows: * **09362:** The base series or specific resistance value code (e.g., "9362" might represent 93.6 kOhms in some naming conventions). * **-R:** Generally stands for **RoHS Compliant** (Lead-Free) or **Reel** (referring to the packaging type for automated assembly).
    ✨ Follow-up Questions
    • ⤷ Which manufacturer's datasheet are you specifically looking for regarding the 09362-R?
    • ⤷ Do you need the specific resistance value and wattage for this part?
    • ⤷ Are you looking for an equivalent replacement or cross-reference for this resistor?