전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 0TK-236-R

  • AI
    The **TK-236-R** is a specific electronic component kit or module assembly often associated with specialized industrial controls or hobbyist electronics (frequently used in the context of radio-frequency or remote control modules). Below is a breakdown of the typical electronic parts and specifications associated with this part number. --- ### 1. Component Specifications The "TK" series usually refers to a transmitter or transceiver module. The "R" suffix often indicates a **Receiver** unit or a **RoHS compliant** revision. | Feature | Specification | | :--- | :--- | | **Type** | RF Receiver / Controller Module | | **Operating Voltage** | Typically 3V to 12V DC | | **Frequency Range** | Usually 315MHz or 433MHz (Application dependent) | | **Modulation** | ASK (Amplitude Shift Keying) or OOK | | **Output Type** | Digital Logic (High/Low) or Relay Control | --- ### 2. Internal Electronic Architecture The module is composed of several key stages. Here is the functional breakdown: #### A. The RF Front End * **Antenna Terminal:** A point where a 1/4 wave wire is soldered to capture signals. * **Tuning Circuit:** Often uses a LC (Inductor-Capacitor) oscillator or a SAW (Surface Acoustic Wave) filter to stabilize the frequency. #### B. The Integrated Circuit (IC) The heart of the TK-236-R is typically a decoder IC. Common chips used in these modules include: * **PT2272:** A remote control decoder that pairs with a PT2262 transmitter. * **Operational Amplifiers:** Used to boost the weak incoming radio signal before it is processed by the logic chip. #### C. Passive Components * **SMD Resistors/Capacitors:** Used for timing (setting the oscillation frequency) and noise filtering. * **Transistors:** Often used as switches to drive external loads like LEDs or Relays. --- ### 3. Pinout Configuration Most modules in this series follow a standard 4 to 7-pin layout: | Pin Number | Label | Description | | :--- | :--- | :--- | | 1 | **VCC** | Positive Power Supply | | 2 | **GND** | Ground | | 3 | **DATA** | Digital output of the received signal | | 4 | **ANT** | Connection point for the antenna | --- ### 4. Typical Application Example To use this in a circuit (such as with an Arduino), the following logic is applied: ```cpp // Example: Reading data from a TK-series receiver int dataPin = 7; void setup() { pinMode(dataPin, INPUT); Serial.begin(9600); } void loop() { int signal = digitalRead(dataPin); if (signal == HIGH) { Serial.println("Signal Received"); } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency (MHz) of your TK-236-R module?
    • ⤷ Are you looking for a wiring diagram to connect this to a microcontroller?
    • ⤷ Is this part of a specific manufacturer's remote control system?