전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 0W13-R

  • AI
    The **0W13-R** is a specific part number typically associated with **Dell laptop motherboard components** or proprietary internal cables. In most technical contexts, this specific SKU refers to a **DC Power Jack Harness/Cable** for Dell Latitude or Inspiron series laptops. --- ### 1. Technical Specifications The 0W13-R is an electromechanical component designed to bridge the external AC adapter power to the internal motherboard circuitry. | Feature | Specification | | :--- | :--- | | **Part Type** | DC-In Power Jack with Cable Harness | | **Connector Type** | Barrel-type (Female) to Motherboard Header (Male) | | **Pin Configuration** | Typically 5-pin or 6-pin connector | | **Voltage Compatibility** | 19.5V DC (Standard for Dell systems) | | **Material** | High-conductivity copper wiring with PVC insulation | --- ### 2. Key Electronic Functions The 0W13-R performs more than just simple power conduction; it plays a role in the handshake between the charger and the laptop: * **Power Delivery:** Conducts the main positive and negative current to power the system and charge the battery. * **ID Pin Communication:** The center pin in the jack connects to a logic circuit. This allows the laptop's BIOS to identify the wattage of the AC adapter (e.g., 65W vs. 90W). * **Strain Relief:** Unlike jacks soldered directly to the motherboard, the 0W13-R "harness" design prevents mechanical stress from cracking the motherboard PCB during repeated plugging/unplugging. --- ### 3. Common Failure Symptoms If this specific electronic part is failing, you will likely observe the following issues: 1. **"AC Adapter Not Determined":** The BIOS cannot read the ID pin, resulting in the battery not charging even if the laptop is powered. 2. **Intermittent Power:** The laptop only charges when the cord is held at a specific angle. 3. **Physical Heat:** Scorching or melting at the connector due to high resistance from frayed internal wires. --- ### 4. Installation & Compatibility This part is most commonly found in the **Dell Latitude E5440** and related models. ```bash # Installation Steps Summary 1. Disconnect Battery and AC Adapter. 2. Remove the base cover/chassis screws. 3. Locate the 0W13-R harness near the hinge. 4. Unplug the 5/6-pin connector from the motherboard. 5. Unscrew the mounting bracket and replace. ```
    ✨ Follow-up Questions
    • ⤷ What specific Dell laptop models use the 0W13-R part?
    • ⤷ How can I test the center ID pin of this jack with a multimeter?
    • ⤷ Does a failing 0W13-R cause the 'Plugged in
    • ⤷ not charging' error?