전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 1-53-R

  • AI
    Based on electronic component nomenclature and common industry standards, the designation **1-53-R** typically refers to a specific type of **Current Sense Resistor** or a **Fixed Inductor**, depending on the manufacturer (most commonly associated with brands like **Bourns** or **Coilcraft**). Below is a detailed breakdown of the technical specifications and characteristics typically associated with this part series. --- ### 1. General Specifications In most contexts (specifically within the Bourns or generic resistor labeling), "1-53-R" is part of a series defined by low resistance values and high precision. | Feature | Description | | :--- | :--- | | **Component Type** | Precision Resistor / Current Shunt | | **Common Resistance** | Often represents 1.53 Ohms or a specific tolerance code | | **Termination Style** | Radial Leads or Surface Mount (SMD) | | **RoHS Status** | "R" suffix usually denotes **RoHS Compliant** | | **Common Application** | Power management, feedback loops, and current sensing | ### 2. Key Characteristics * **Low Temperature Coefficient (TCR):** These parts are designed to maintain a stable resistance value even as the temperature of the circuit rises. * **High Power Rating:** Usually built to handle higher wattage compared to standard signal resistors. * **Flame Retardant:** Often coated with materials that prevent combustion under overload conditions. ### 3. Usage in Circuit Design The "1-53-R" series is frequently utilized in the following blocks: 1. **Current Sensing:** Used to measure the current flowing through a circuit by monitoring the voltage drop across the resistor ($V = I \times R$). 2. **Voltage Division:** Providing precise reference voltages in analog signal processing. 3. **Filtering:** When used as an inductor (in some specific manufacturer catalogs), it serves to filter high-frequency noise in DC-DC converters. ### 4. Part Number Breakdown (Example) While part numbering varies by brand, here is a common logical breakdown for this string: | Segment | Meaning | | :--- | :--- | | **1** | Series identifier or physical size | | **53** | Value code (53 refers to the significant digits) | | **R** | Compliance (RoHS) or Decimal point (0.1... Ohms) | --- ### Identification Tip To be 100% certain of the specifications, you should check the **Manufacturer’s Logo** on the component body. If the part is an inductor, it will likely be measured in Microhenries ($\mu H$); if it is a resistor, it will be measured in Ohms ($\Omega$).
    ✨ Follow-up Questions
    • ⤷Which manufacturer produced your specific 1-53-R component?
    • ⤷ Are you looking for a replacement or a datasheet for this part?
    • ⤷ Is this part being used in a power supply or a signal processing circuit?