전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10-R1X

  • AI
    The **10-R1X** typically refers to a specific series of **Resistor Networks** (often in SIP - Single In-line Package) or specific power supply components depending on the manufacturer prefix. However, in general electronics terminology, it most commonly identifies a **10-pin Resistor Network** with a specific internal configuration. ### 1. Component Overview: 10-R1X Resistor Network A resistor network is a single package containing multiple resistors. The "10" usually denotes the pin count, and "R" signifies resistance. | Feature | Specification | | :--- | :--- | | **Package Type** | SIP (Single In-line Package) | | **Pin Count** | 10 Pins | | **Internal Configuration** | Typically "Bussed" or "Isolated" | | **Common Resistance Range** | 10 $\Omega$ to 1 M$\Omega$ | | **Tolerance** | $\pm 2\%$ or $\pm 5\%$ (Standard) | --- ### 2. Internal Configurations The "1X" suffix often dictates how the resistors are wired inside the 10-pin housing. #### A. Bussed Configuration (Most Common) * **Pin 1:** Common point (usually connected to VCC or Ground). * **Pins 2-10:** Each pin is connected to one end of an individual resistor; the other end of every resistor is tied to Pin 1. * **Use Case:** Pull-up or pull-down resistors for digital buses. #### B. Isolated Configuration * **Pin Layout:** Pairs of pins form individual resistors (e.g., Pins 1-2, 3-4, 5-6, etc.). * **Use Case:** Independent current limiting for LEDs or signal termination. --- ### 3. Technical Specifications Table If you are looking at a standard 10-R1X (like those manufactured by Bourns or CTS), the typical electrical characteristics are: | Parameter | Value | | :--- | :--- | | **Power Rating per Resistor** | 125mW to 250mW | | **Operating Voltage** | 100V (Max) | | **Temperature Range** | -55°C to +125°C | | **Body Material** | Epoxy Resin / Ceramic | --- ### 4. Part Number Breakdown (Example) Most manufacturers follow this logic: `10 - R - 103` * **10:** Number of pins. * **R:** Resistor Network. * **103:** Resistance Value ($10 \times 10^3 = 10k \Omega$). --- ### 5. Application Example (Arduino/MCU) In a digital circuit, a 10-R1X bussed network is used to keep 9 separate input pins at a "High" state until a button is pressed. ```cpp // Schematic Logic: // [Pin 1] -> Connected to 5V // [Pin 2] -> Digital Pin 2 + Switch to GND // [Pin 3] -> Digital Pin 3 + Switch to GND // ... and so on. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a bussed and an isolated resistor network?
    • ⤷ How do I identify Pin 1 on a SIP package?
    • ⤷ What are the advantages of using a resistor network over discrete resistors?