전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 1008F-R18

  • AI
    The part number **1008F-R18** refers to a specific type of passive electronic component: a **Fixed Inductor** (specifically a surface-mount wire-wound chip inductor). Below is a detailed breakdown of its specifications, construction, and technical characteristics. --- ## 1. Part Number Breakdown The nomenclature for this series (commonly manufactured by companies like Gowanda, Coilcraft, or Delevan) typically follows this structure: | Segment | Meaning | Description | | :--- | :--- | :--- | | **1008** | Case Size | Dimensions are approximately 0.10 x 0.08 inches (2.5 x 2.0 mm). | | **F** | Tolerance | Indicates a **±1%** tolerance (high precision). | | **R18** | Inductance Value | "R" acts as a decimal point. 0.18 µH (or 180 nH). | --- ## 2. Technical Specifications While exact specs can vary slightly by manufacturer, the standard parameters for an 180nH (R18) 1008 chip inductor are generally as follows: | Parameter | Value (Typical) | | :--- | :--- | | **Inductance** | 180 nH (0.18 µH) | | **Tolerance** | ±1% (F) | | **Quality Factor (Q min)** | 45 - 50 (at 25.2 MHz) | | **Self-Resonant Frequency (SRF)** | ~700 MHz to 900 MHz | | **DC Resistance (DCR Max)** | 0.50 - 0.70 Ohms | | **Rated DC Current (Idc)** | 400 mA - 600 mA | | **Operating Temperature** | -40°C to +125°C | --- ## 3. Physical Construction The **1008F-R18** is built using **Wire-Wound Technology**: * **Core Material:** Usually Ceramic (Alumina). Ceramic cores provide excellent "Q" factors and high self-resonant frequencies because they do not suffer from the core losses found in ferrite. * **Winding:** Fine copper wire is wound around the ceramic body. * **Termination:** The ends are typically gold-plated or tin-plated for easy SMD (Surface Mount Device) soldering. * **Encapsulation:** Often features a clear epoxy or "cap" on top to allow for vacuum pick-and-place assembly. --- ## 4. Key Applications Because of the **F (±1%)** precision and the ceramic core, this part is ideal for high-frequency RF circuits: 1. **Impedance Matching:** Used in the front-end of wireless communication devices (WiFi, Bluetooth) to match antenna impedance. 2. **Filter Circuits:** High-Q and tight tolerance make it excellent for Band-pass and Low-pass filters. 3. **Oscillators:** Ensuring stable frequency generation in VCOs (Voltage Controlled Oscillators). 4. **Signal Conditioning:** Used in high-speed telecommunications equipment to reduce noise without degrading signal integrity. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core in 1008 inductors?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in an RF circuit?
    • ⤷ Are there equivalent parts from different manufacturers for the 1008F-R18?