1012-0100-R
AI

The part number **1012-0100-R** typically refers to a high-quality **RF (Radio Frequency) fixed attenuator**, often manufactured by companies such as **Aeroflex (Cobham/Metelics)** or similar RF component specialists.
These components are designed to reduce the power of a signal without significantly distorting its waveform.
---
### 1. Technical Specifications
Below are the typical characteristics associated with this specific part series:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Fixed RF Attenuator |
| **Impedance** | 50 Ohms |
| **Attenuation Value** | 1 dB (indicated by the '0100' suffix) |
| **Frequency Range** | DC to 18 GHz (varies by package) |
| **Mounting Type** | Surface Mount (SMD) / Chip |
| **RoHS Compliant** | Yes (indicated by the '-R' suffix) |
---
### 2. Physical Construction
The "R" suffix generally denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards, meaning the part is lead-free.
* **Substrate:** Usually Alumina ($Al_2O_3$) or Beryllium Oxide (BeO) for high power dissipation.
* **Resistive Element:** Thin-film technology is used to ensure precision and stability across a wide temperature range.
* **Termination:** Wrap-around terminations for easy soldering to PCBs.
---
### 3. Key Functions
* **Signal Level Control:** Used to reduce signal strength to prevent overloading sensitive components like mixers or ADCs.
* **Impedance Matching:** Helps improve the "match" (VSWR) between two mismatched stages in an RF circuit.
* **Isolation:** Provides a degree of isolation between components to reduce feedback or unwanted oscillations.
---
### 4. Common Applications
1. **Telecommunications:** Base stations and cellular infrastructure.
2. **Test & Measurement:** Used in lab equipment to protect sensitive input ports.
3. **Military & Aerospace:** Radar systems and secure communication links.
4. **Fiber Optics:** Used in the RF-over-Fiber conversion stages.
---
- ⤷What is the maximum power rating for the 1012-0100-R attenuator?
- ⤷ Are there alternative attenuation values available in this specific 1012 series?
- ⤷ How does temperature affect the attenuation accuracy of this component?