1018564
AI

The part number **1018564** most commonly refers to a **Battery Charge Indicator / Fuel Gauge** used in industrial electric vehicles, specifically those manufactured by **Club Car**.
---
## ๐ ๏ธ Technical Specifications
This component is an electronic monitoring module designed to provide real-time feedback on the state of charge (SoC) for lead-acid battery banks.
| Feature | Specification |
| :--- | :--- |
| **Primary Function** | Battery State of Charge (SoC) Indicator |
| **Voltage Compatibility** | Typically 48V DC (Standard for Club Car DS/Precedent) |
| **Display Type** | Analog Sweep or Segmented Bar |
| **Mounting Type** | Dashboard / Panel Mount |
| **OEM Manufacturer** | Club Car (Original Equipment Manufacturer) |
---
## ๐ Electronic Components & Operation
The device operates using basic voltage sensing logic to translate the battery's chemical potential into a visual representation for the user.
### 1. Voltage Divider Network
The internal circuitry utilizes a resistor network to step down the high battery voltage (48V+) to a level manageable by the internal comparator or driver chip.
### 2. Signal Processing
* **Averaging Circuit:** To prevent the needle or LEDs from "flicking" during sudden acceleration (voltage sag), the electronics include a damping circuit (capacitors) that averages the voltage over several seconds.
* **Calibration:** The internal logic is calibrated to the discharge curve of deep-cycle lead-acid batteries.
### 3. Pin Configuration
Usually, the unit features a 2-pin or 3-pin connection:
1. **Positive (+):** Connects to the battery positive (often via the key switch).
2. **Negative (-):** Connects to the battery negative or the Onboard Computer (OBC).
3. **Signal/Sense (Optional):** Used in some versions to trigger "Low Battery" warnings.
---
## โ ๏ธ Common Failure Modes
Electronic parts like the 1018564 are susceptible to specific issues in industrial environments:
* **Corrosion:** Because these are used in golf carts and utility vehicles, acid fumes from batteries can corrode the rear terminals.
* **Calibration Drift:** Over time, the internal resistors can change value due to heat, causing the gauge to read "Full" even when the battery is depleted.
* **LCD/Needle Stuck:** Mechanical failure of the indicator or UV damage to the plastic face.
---
## ๐ Compatibility
This part is a direct replacement for:
* **Club Car DS** (Electric models)
* **Club Car Precedent**
* **Selected Carryall Utility Vehicles**
- โคท
How do I test if a 1018564 gauge is functioning correctly using a multimeter?
- โคท Are there digital LED upgrades compatible with the 1018564 mounting hole?
- โคท What is the difference between this gauge and an Onboard Computer (OBC)?