전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 1025FA12-R

  • AI
    The **1025FA12-R** is a specific electronic component primarily known as a **Surface Mount (SMT) Fuse**. It belongs to a specialized class of fast-acting, high-current fuses often used in power supply and industrial applications. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. Technical Specifications The "1025FA" series typically denotes the package size and performance characteristics. | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Surface Mount Fuse (Brick Style) | | **Current Rating** | 12 Amperes (indicated by the "12") | | **Package Size** | 1025 (approx. 10.0mm x 2.5mm) | | **Fuse Characteristic** | Fast-Acting (FA) | | **Voltage Rating (AC/DC)** | Typically 125V AC / 72V-125V DC (model specific) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | | **Interrupting Rating** | High (often 50A - 100A at rated voltage) | --- ### 2. Physical Characteristics Unlike standard 0603 or 1206 chip fuses, the 1025FA series uses a **"Brick" or "Square" body design**. * **Body Material:** Ceramic or high-temperature polymer. * **Terminations:** Silver-plated or Tin-plated copper caps for surface mounting. * **Durability:** Designed to withstand high vibration and thermal shock. --- ### 3. Key Features * **Fast-Acting:** This fuse is designed to open very quickly (usually within milliseconds) when an overcurrent condition occurs. This protects sensitive downstream semiconductors. * **High Inrush Current Withstand:** Despite being fast-acting, the internal wire element is engineered to avoid "nuisance blowing" from brief, normal power spikes. * **Space Efficient:** The 1025 footprint is relatively small considering it can handle a high current of 12A. --- ### 4. Common Applications The 1025FA12-R is found in circuits where high power density is required in a small form factor: 1. **Power Supplies:** AC/DC adapters and DC/DC converters. 2. **Computing:** Server motherboards and high-end graphics cards. 3. **Industrial:** LED lighting drivers and motor control circuits. 4. **Battery Systems:** Protection circuits for Li-ion battery packs. --- ### 5. Identification Code Breakdown `1025` `FA` `12` `-R` * **1025:** The physical dimensions/series name. * **FA:** Fast Acting speed. * **12:** The Ampere rating (12 Amps). * **-R:** Lead-free / RoHS compliant. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum interrupt rating for the 1025FA series?
    • ⤷ How does a 'Fast-Acting' fuse differ from a 'Slow-Blow' fuse in 1025 packages?
    • ⤷ Which manufacturers typically produce the 1025FA12-R?