전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 1025HC20-R

  • AI
    The **1025HC20-R** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and voltage regulator modules. It is part of the HC (High Current) series, designed to handle significant current loads with minimal power loss. --- ## Technical Specifications The following table summarizes the key electrical and physical characteristics of the 1025HC20-R: | Characteristic | Specification | | :--- | :--- | | **Inductance** | 2.0 µH | | **Tolerance** | ±20% | | **Rated Current (Irms)** | ~25 - 30 Amperes | | **Saturation Current (Isat)** | ~35 - 45 Amperes | | **DC Resistance (DCR)** | Very Low (Approx. 1.0 - 1.5 mΩ) | | **Package / Case** | 1025 (approx. 10mm x 10mm x 6mm) | | **Operating Temperature** | -40°C to +125°C | --- ## Key Features ### 1. High Current Density Designed with flat wire or heavy-gauge copper windings, this part can handle high RMS currents without overheating. The "HC" designation stands for **High Current**. ### 2. Low DCR (DC Resistance) By keeping the internal resistance extremely low (typically in the milliohm range), the component minimizes power dissipation ($P = I^2R$), which increases the overall efficiency of the power supply. ### 3. Soft Saturation The magnetic core material is engineered for "soft" saturation. This means that as current increases beyond the rated limit, the inductance drops gradually rather than crashing abruptly, providing better circuit stability during transient spikes. ### 4. Robust Construction The "R" suffix typically indicates **RoHS compliance**. The molded or shielded construction reduces Electromagnetic Interference (EMI), making it suitable for sensitive electronic environments. --- ## Common Applications * **Voltage Regulator Modules (VRMs):** Found on computer motherboards and servers to step down voltage for CPUs/GPUs. * **High-current DC-DC Converters:** Used in industrial power supplies and automotive electronics. * **Point-of-Load (POL) Converters:** Providing localized power for FPGAs and ASICs. * **Battery Powered Systems:** Where high efficiency is critical to extend battery life. --- ## Comparison with Standard Inductors Compared to standard ferrite core inductors, the **1025HC20-R** offers: 1. **Lower Profile:** Optimized height-to-footprint ratio. 2. **Higher Saturation:** Does not saturate as easily under heavy peak loads. 3. **Shielding:** Integrated magnetic shielding to prevent noise from affecting nearby components.
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternatives for the 1025HC20-R from other manufacturers?
    • ⤷ How does temperature affect the saturation current of this specific inductor?
    • ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?