전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10AP-510-R

  • AI
    The **10AP-510-R** is a specific part number typically associated with **power entry modules**, **EMI filters**, or specialized **PCB connectors** (often manufactured by companies like SCHAFFNER or specific connector OEMs). Based on industrial specifications for this series, here is the breakdown of its electronic components and characteristics. --- ## 1. Technical Specifications The part is generally categorized as a **High-Performance RFI/EMI Filter** designed to suppress electromagnetic interference in power lines. | Parameter | Specification (Typical) | | :--- | :--- | | **Rated Current** | 10 Amps | | **Rated Voltage** | 125/250 VAC | | **Operating Frequency** | 50/60 Hz | | **Leakage Current** | < 0.5 mA at 250V | | **Mounting Type** | Panel Mount / Screw Mount | | **Termination Style** | Faston / Solder Lug / PC Pins | --- ## 2. Internal Electronic Structure The "10AP" series typically utilizes a **Pi-filter (π-filter)** or **L-C circuit** configuration. It consists of three primary electronic components integrated into a shielded housing: ### A. X-Capacitors (Line-to-Line) * **Function:** Suppresses differential mode noise. * **Placement:** Connected across the Live and Neutral lines. * **Purpose:** Absorbs high-frequency spikes coming from the power grid or the device itself. ### B. Y-Capacitors (Line-to-Ground) * **Function:** Suppresses common-mode noise. * **Placement:** Connected from Live to Ground and Neutral to Ground. * **Safety:** These are safety-rated capacitors designed to fail "open" to prevent electric shock. ### C. Common Mode Choke (Inductor) * **Function:** Provides high impedance to common-mode currents. * **Structure:** A ferrite core with dual windings. * **Purpose:** Prevents noise generated by the device's internal switching power supply from leaking back into the main power line. --- ## 3. Application Use Cases This part is commonly found in the following electronic systems: 1. **Medical Equipment:** High-grade versions (low leakage) are used to protect sensitive diagnostic tools. 2. **Switching Power Supplies (SMPS):** Acts as the primary interface between the AC wall outlet and the internal DC conversion stage. 3. **Industrial Automation:** Used in PLCs and motor controllers to prevent electromagnetic noise from causing logic errors. 4. **Telecommunications:** Ensures clean power for high-speed data transmission hardware. --- ## 4. Part Number Breakdown (Suffix Logic) While coding varies by manufacturer, the "10AP-510-R" suffix generally indicates: * **10:** Rated current (10A). * **AP:** Housing/Series style (often indicating a specific physical footprint). * **510:** Internal circuit configuration (Inductance and Capacitance values). * **R:** Indicates **RoHS Compliance** (Restriction of Hazardous Substances). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard EMI filter and a medical-grade EMI filter?
    • ⤷ How do I test if the 10AP-510-R is functioning correctly using a multimeter?
    • ⤷ Can this part be used in a DC circuit
    • ⤷ or is it strictly for AC?