전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10AP-610-R

  • AI
    The **10AP-610-R** is a specific electronic component, most commonly associated with **high-current power inductors** or specific **connector/fuse assemblies** used in automotive and industrial power electronics. Based on technical specifications for this part number series (often produced by manufacturers like Littelfuse or specialized magnetic component suppliers), here is a detailed breakdown. --- ### 1. Technical Specifications The "10AP" series typically refers to high-amperage performance. Below is a summary of the likely technical parameters for the 10AP-610-R: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Power Inductor / Power Filter | | **Rated Current** | 10 Amperes (A) | | **Inductance Value** | ~610 µH (Microhenries) | | **Tolerance** | ±10% to ±20% | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | | **Mounting Type** | Through-hole or Chassis Mount | --- ### 2. Key Features * **High Current Handling:** Designed to manage up to 10A without reaching magnetic saturation. * **RFI/EMI Suppression:** These parts are frequently used to filter out high-frequency noise in power lines. * **Thermal Stability:** Built with materials (like powdered iron or ferrite cores) that maintain consistent electrical properties across a wide temperature range. * **Low DCR:** Usually features low Direct Current Resistance (DCR) to minimize power loss and heat generation. --- ### 3. Common Applications The 10AP-610-R is typically found in environments where power stability is critical: 1. **Switching Power Supplies (SMPS):** Used as an output filter to smooth DC voltage. 2. **Automotive Electronics:** Integrated into dashboards or engine control units to protect against voltage spikes. 3. **Industrial Controllers:** Used in motor drives to reduce electromagnetic interference (EMI). 4. **DC-DC Converters:** Acts as an energy storage element during the switching cycle. --- ### 4. Part Number Breakdown The part number can generally be decoded as follows: | Segment | Meaning | | :--- | :--- | | **10A** | Represents the Current Rating (10 Amps). | | **P** | Often denotes "Power" or a specific package style (Plug-in/Pin). | | **610** | The Inductance code (610 Microhenries). | | **-R** | Standard industry suffix for **RoHS Compliance** (Lead-free). | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 10AP-610-R?
    • ⤷ Can this component be used in AC circuits or is it DC only?
    • ⤷ Which manufacturers currently produce the 10AP-610-R series?