전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10JF-666-R/5

  • AI
    Based on the part number **10JF-666-R/5**, this component belongs to a specific category of **Passive Components**, specifically a **High-Voltage Ceramic Disc Capacitor**. These parts are commonly used in power supplies, monitors, and industrial equipment where high voltage stability is required. ### 1. Component Breakdown The alphanumeric code typically breaks down as follows (based on standard manufacturer nomenclature like Murata, TDK, or specialized high-voltage brands): | Segment | Meaning | Detail | | :--- | :--- | :--- | | **10** | Voltage Rating | Often signifies **10kV** (10,000 Volts). | | **JF** | Dielectric Material | Indicates the temperature coefficient (usually Class II, stable). | | **666** | Capacitance Value | 66 followed by 6 zeros in pF. **66,000,000pF** (or 66µF). *Note: In many disc caps, 661 = 660pF.* | | **R** | Tolerance / Type | Often indicates "RoHS Compliant" or a specific tolerance (e.g., ±10% or ±20%). | | **5** | Lead Spacing/Pitch | Refers to the physical distance between pins (e.g., 5mm or 7.5mm). | --- ### 2. Technical Specifications (General) These components are designed for high-stress environments. * **Capacitance Range:** High-voltage disc capacitors in this series usually range from 100pF to 10,000pF (Check specific datasheet for the "666" multiplier). * **Insulation Resistance:** Very high (typically >10,000 MΩ) to prevent leakage at high voltages. * **Operating Temperature:** Generally rated for **-25°C to +85°C**. * **Coating:** Flame-retardant epoxy resin (UL94V-0 compliant). --- ### 3. Common Applications Due to its high voltage rating, this part is used in: 1. **CRT Displays:** Used in the high-voltage "anode" sections of older monitors. 2. **Switching Power Supplies (SMPS):** Used for snubbing circuits to absorb voltage spikes. 3. **Lighting Ballasts:** High-frequency electronic ballasts for HID or fluorescent lamps. 4. **X-Ray/Laser Equipment:** Voltage multipliers and pulse-forming networks. --- ### 4. Safety and Handling When dealing with components like the **10JF-666-R/5**, observe these precautions: * **Discharge:** These capacitors can hold a lethal charge (10kV) even after the device is powered off. * **Physical Inspection:** Check for cracks in the blue/brown epoxy coating; a cracked casing can lead to "arcing" (electrical jumping). * **Polarity:** These are **non-polarized**, meaning they can be installed in either direction.
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance value of the 666 code in microfarads?
    • ⤷ How do I test a 10kV capacitor using a standard multimeter?
    • ⤷ What are the common failure symptoms of high-voltage ceramic capacitors?