전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10PV-7C0-R

  • AI
    The part number **10PV-7C0-R** typically refers to a high-voltage, high-reliability **Multi-Layer Ceramic Capacitor (MLCC)**, often manufactured by companies like **Walsin Technology** or similar industrial suppliers. These components are designed for surface-mount applications where space is limited but voltage demands are high. --- ### 1. Part Number Breakdown (Typical) While nomenclature can vary slightly by manufacturer, the code generally follows this logic: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **10** | Voltage Rating | Often represents 100V or 1000V depending on series scaling. | | **PV** | Series Code | High Voltage / Low Profile / High Q series. | | **7C0** | Capacitance/Size | Standard coding for dimensions or specific capacitance value. | | **R** | Packaging/Tolerance | Usually signifies "RoHS Compliant" or "Tape & Reel" packaging. | --- ### 2. Key Technical Specifications These parts are engineered for performance in power conversion and signal filtering. * **Type:** Ceramic Multilayer (MLCC). * **Mounting:** Surface Mount Device (SMD). * **Dielectric Material:** Commonly **NPO (C0G)** or **X7R**. NPO provides high stability across temperature changes, while X7R offers higher capacitance density. * **Voltage Range:** Typically designed for high-voltage circuits (e.g., 100V to 630V range). * **Termination:** Lead-free (RoHS) compliant, usually Tin (Sn) over Nickel (Ni). --- ### 3. Common Applications Due to its robust construction, the 10PV-7C0-R series is found in: 1. **Power Supplies:** Used in DC-DC converters and AC-DC adapters for ripple filtering. 2. **Inverters:** Essential for snubbers in solar or automotive power systems. 3. **Lighting:** Electronic ballasts and LED drivers where high-voltage stability is required. 4. **Telecommunications:** Noise suppression in high-frequency transmission lines. --- ### 4. Advantages & Limitations | Advantages | Limitations | | :--- | :--- | | High thermal stability (low ESR/ESL). | Susceptible to mechanical cracking if the PCB flexes. | | Compact footprint for high-density boards. | Capacitance can drift based on applied DC voltage (if X7R). | | Excellent high-frequency characteristics. | Sensitive to thermal shock during soldering. | --- ### 5. Handling & Storage To ensure the longevity of these components: * **MSL (Moisture Sensitivity Level):** Usually Level 1 (not sensitive), but check the specific datasheet. * **Soldering:** Reflow soldering is preferred over wave soldering to prevent thermal stress.
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance value for the 7C0 code in this series?
    • ⤷ Are there specific footprint (case size) dimensions for the 10PV-7C0-R?
    • ⤷ What are the recommended reflow soldering temperature profiles for this part?