전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10RS-1F-R0-R

  • AI
    The part number **10RS-1F-R0-R** typically refers to a high-precision, low-resistance current sense resistor, often manufactured by companies like **Susumu** or similar precision component specialists. Below is a detailed breakdown of the electronic specifications and characteristics associated with this part series. --- ## 1. Part Number Breakdown While numbering conventions can vary slightly by manufacturer, here is the standard decoding for this specific component type (likely a Current Sense Chip Resistor): | Component Segment | Definition | Description | | :--- | :--- | :--- | | **10** | Size Code | Typically refers to the metric or imperial dimensions (e.g., 0402 or 0805 equivalent). | | **RS** | Series Type | Low resistance, current sensing, or metal foil series. | | **1F** | Power Rating | Indicates the wattage (e.g., 1/10W or 1W depending on specific series rules). | | **R0-R** | Resistance Value | **R0** usually denotes a very low value (e.g., 0.1 $\Omega$ or a specific multiplier). | --- ## 2. Technical Specifications Components in this family are engineered for accuracy in power management circuits. ### Electrical Characteristics * **Resistance Range:** Extremely low (Milliohms range), designed for minimal voltage drop. * **Tolerance:** Often $\pm1\%$ (F) or $\pm0.5\%$ (D), ensuring precise measurements. * **Temperature Coefficient (TCR):** Very low (e.g., $\pm50$ to $\pm100$ ppm/°C), meaning the resistance remains stable even as the part heats up. * **Construction:** Usually metal foil or thick film on a ceramic substrate to handle thermal stress. --- ## 3. Common Applications These parts are not standard pull-up resistors; they are used for **Current Sensing**. 1. **Battery Management Systems (BMS):** Measuring the charge/discharge current of Li-ion batteries. 2. **DC-DC Converters:** Monitoring output current to prevent over-current conditions. 3. **Motor Controllers:** Providing feedback on the torque/current delivered to a motor. 4. **Power Supplies:** Acts as a "shunt" to allow a microcontroller to calculate power consumption. --- ## 4. Key Advantages * **High Reliability:** Designed to withstand high pulse currents without failing. * **Compact Footprint:** Surface Mount Technology (SMT) design for high-density PCB layouts. * **Low Noise:** Metal foil technology provides lower thermal noise compared to standard carbon resistors. --- ### Comparison Table: Current Sense vs. Standard Resistors | Feature | 10RS Series (Current Sense) | Standard Resistor (General Purpose) | | :--- | :--- | :--- | | **Resistance Value** | Very Low ($< 1 \Omega$) | Wide Range ($10 \Omega$ to $1M \Omega$) | | **TCR Stability** | High (Low drift) | Moderate (High drift) | | **Primary Goal** | Precision Measurement | Voltage Division / Current Limiting |
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value in milliohms for the 'R0' suffix?
    • ⤷ Which SMT package size (e.g.
    • ⤷ 0603
    • ⤷ 0805) does the '10' code represent for this manufacturer?
    • ⤷ Can this resistor be used in high-frequency AC applications?