전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10RS-5B-R0-R/C03

  • AI
    The model **10RS-5B-R0-R/C03** typically refers to a specialized **DC Coreless Vibration Motor** (often categorized as an ERM - Eccentric Rotating Mass motor). These components are widely used in haptic feedback systems for handheld electronics. ### 1. Technical Specifications Below is a breakdown of the typical technical parameters for this class of electronic component: | Feature | Specification | | :--- | :--- | | **Motor Type** | DC Coreless (Permanent Magnet) | | **Input Voltage** | 3.0V DC (Nominal Range: 2.5V - 3.7V) | | **Rated Current** | 70mA - 100mA | | **Rated Speed** | 10,000 ~ 12,000 RPM | | **Vibration Force** | ~0.8g to 1.2g | | **Connection Type** | Lead Wires (R/C suffix often denotes specific connector types) | | **Operating Temp** | -20°C to +60°C | --- ### 2. Physical Construction The "10RS" designation usually implies a **10mm diameter** form factor. These parts consist of several critical sub-components: 1. **Eccentric Mass:** A semi-circle weight (often tungsten) attached to the shaft. When it spins, the asymmetrical mass distribution creates centrifugal force, resulting in vibration. 2. **Coreless Rotor:** Unlike standard motors, the windings are self-supporting and do not have an iron core. This allows for: * Faster acceleration and deceleration. * Reduced EMI (Electromagnetic Interference). * Lower weight. 3. **Housing:** A metal casing that protects the internal coils and magnets. 4. **Commutator/Brushes:** Precious metal brushes (silver or gold alloy) are used to transfer current to the rotor to ensure long-term reliability. --- ### 3. Application Use Cases This specific part is designed for devices requiring subtle haptic alerts or "rumble" effects: * **Wearables:** Smartwatches and fitness trackers for silent alarms. * **Medical Devices:** Pagers or handheld diagnostic tools for user notification. * **Mobile Phones:** Haptic feedback for touchscreen interactions. * **IoT Sensors:** Status indicators for industrial handheld scanners. --- ### 4. Implementation Circuit To drive the 10RS-5B motor safely from a microcontroller (like an Arduino or ESP32), a simple transistor switch is required because microcontrollers cannot provide the ~100mA current directly. ```cpp // Basic Arduino code snippet to pulse the vibration motor int motorPin = 9; // Connected to the base of a NPN transistor void setup() { pinMode(motorPin, OUTPUT); } void loop() { digitalWrite(motorPin, HIGH); // Vibrate delay(500); digitalWrite(motorPin, LOW); // Stop delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an ERM motor and an LRA actuator?
    • ⤷ How do I calculate the flyback diode needed for this motor?
    • ⤷ Can this motor be driven using Pulse Width Modulation (PWM) for variable intensity?