전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10S-R2W1A

  • AI
    The **10S-R2W1A** is a specific model number typically associated with **isolated DC-DC converter modules**. These components are widely used in industrial electronics to provide regulated power and galvanic isolation between different sections of a circuit. --- ### 1. Technical Specifications The part number usually decodes into specific performance parameters. Below is a breakdown of the typical technical specifications for this series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 12V DC (Nominal range: 10.8V – 13.2V) | | **Output Voltage** | 5V DC | | **Output Power** | 2 Watts | | **Efficiency** | ~80% (varies by load) | | **Isolation Voltage** | 1000V DC to 3000V DC | | **Package Style** | SIP (Single In-line Package) | ### 2. Internal Electronic Architecture The internal circuitry of a 10S-R2W1A consists of several key stages: 1. **Switching Regulator (Inverter):** Converts the incoming DC voltage into a high-frequency AC signal using internal transistors. 2. **Transformer:** Uses a miniature high-frequency transformer to provide **Galvanic Isolation**. This prevents current flow between the input and output, protecting sensitive components. 3. **Rectification & Filtering:** High-speed diodes convert the AC back to DC, and capacitors filter the ripple to provide a steady output voltage. ### 3. Common Applications * **Industrial Automation:** Powering sensors and controllers where ground loops must be avoided. * **Telecommunications:** Isolating noise between digital logic circuits and analog communication lines. * **Medical Equipment:** Providing a safety barrier between the power source and the user interface. * **RS232/RS485 Interfaces:** Protecting data ports from high voltage surges. ### 4. Key Features * **Short Circuit Protection:** Most versions include continuous short-circuit protection to prevent fire or damage. * **Compact Footprint:** Designed to save PCB space in high-density electronic assemblies. * **Low Ripple/Noise:** Engineered to provide clean power suitable for sensitive ICs. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the 10S-R2W1A?
    • ⤷ Can this converter be used for medical-grade isolation?
    • ⤷ What are the alternative components with similar specifications?