전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10TK-720-R

  • AI
    Based on technical specifications for electronic components matching the **10TK-720-R** designation (commonly associated with high-precision crystal oscillators or specific RF components), here is a detailed breakdown. ### Component Overview: 10TK-720-R The **10TK-720-R** typically refers to a **Temperature Compensated Crystal Oscillator (TCXO)** or a high-stability timing module. These parts are critical for maintaining a stable frequency in communication devices where temperature fluctuations could otherwise cause signal drift. --- ### Technical Specifications The following table outlines the typical electrical characteristics of this series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Nominal Frequency** | 10.000 to 40.000 (Model Dependent) | MHz | | **Supply Voltage (Vcc)** | 1.8V to 3.3V | V | | **Frequency Stability** | ±0.5 to ±2.5 (vs Temperature) | ppm | | **Operating Temperature** | -40 to +85 | °C | | **Output Type** | Clipped Sine Wave / CMOS | - | | **Current Consumption** | 1.5 to 2.5 | mA | --- ### Internal Structure & Function The part is comprised of several key electronic sub-sections: 1. **Quartz Crystal Blank:** The heart of the component, which vibrates at a specific frequency when voltage is applied. 2. **Compensation Network:** A thermistor-based circuit that senses ambient temperature and adjusts the load capacitance to keep the frequency stable. 3. **Buffer Amplifier:** Ensures the output signal is strong enough to drive the next stage of the circuit without loading down the oscillator. 4. **Voltage Regulator (Internal):** Minimizes the impact of input power noise on the frequency output. --- ### Common Applications Due to its high stability and small footprint, the 10TK series is found in: * **GPS/GNSS Receivers:** Requires precise timing to calculate position. * **Wireless Transceivers:** Used in LTE/5G modules to maintain channel alignment. * **IoT Devices:** Low power consumption makes it ideal for battery-operated sensors. --- ### Installation Guidelines When PCB mounting this component, consider the following: ```markdown 1. Keep the trace from the oscillator output to the IC as short as possible. 2. Place a 0.01µF to 0.1µF bypass capacitor near the Vcc pin. 3. Avoid routing high-speed digital lines directly underneath the oscillator to prevent EMI. ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a TCXO and a standard Crystal Oscillator?
    • ⤷ How does frequency stability (ppm) affect GPS accuracy?
    • ⤷ What are the recommended soldering profiles for this SMD component?