전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10TS-116-R

  • AI
    The **10TS-116-R** is a high-performance **Coaxial Termination** (often referred to as a "Dummy Load") manufactured by **Spinner**. It is designed to terminate a transmission line with a specific impedance to prevent signal reflections. --- ### ## Technical Specifications The following table summarizes the key electrical and physical characteristics of the 10TS-116-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Coaxial Termination / Dummy Load | | **Connector Type** | 7-16 DIN (Male) | | **Impedance** | 50 Ohms | | **Frequency Range** | DC to 3.8 GHz (varies by sub-model) | | **Power Rating** | 10 Watts (Continuous/Average) | | **Cooling** | Convection (Air-cooled) | | **RoHS Compliant** | Yes | --- ### ### Key Electronic Components & Construction The 10TS-116-R is built using specialized RF components designed to handle power without distorting the signal: 1. **Resistive Element:** * The core is a high-precision, non-inductive resistor. * It is calibrated to exactly **50 Ohms** to match standard telecommunications equipment, ensuring that all incident RF energy is converted into heat rather than reflected back to the source. 2. **Connector (7-16 DIN):** * The "116" in the part number typically refers to the **7-16 DIN** interface. * This is a heavy-duty RF connector used in high-power applications (like base stations) because it offers superior PIM (Passive Intermodulation) performance and mechanical stability. 3. **Heat Sink Housing:** * The outer body is usually made of aluminum or a similar alloy with finned structures. * Because a termination converts electricity into heat, the housing acts as a passive heat sink to dissipate the 10 Watts of energy into the surrounding air. --- ### ### Common Applications * **Testing & Measurement:** Used to "close" an open port on a splitter or coupler during RF testing to ensure accurate VSWR (Voltage Standing Wave Ratio) readings. * **Base Station Maintenance:** Prevents damage to sensitive transmitters when an antenna is disconnected. * **Signal Isolation:** Used in laboratory environments to isolate specific paths in a complex RF circuit. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum VSWR rating for the 10TS-116-R?
    • ⤷ Can this termination be used for frequencies higher than 4 GHz?
    • ⤷ What are the physical dimensions and weight of this specific Spinner model?