전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10TS-150-R

  • AI
    The **10TS-150-R** is a specific electronic component, typically identified as a **Radial Lead Glass Encapsulated NTC (Negative Temperature Coefficient) Thermistor**. These sensors are widely used in industrial and consumer electronics for precise temperature measurement and compensation. --- ## 1. Technical Specifications The part number "10TS-150-R" follows a standardized coding system for thermistors. Below is a breakdown of its primary characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | NTC Thermistor | | **Resistance at 25°C** | 10k $\Omega$ (indicated by the "10") | | **Tolerance** | Usually $\pm$1% to $\pm$5% (depending on specific sub-series) | | **Encapsulation** | Glass Encapsulated (DO-35 style or similar) | | **Operating Temperature** | -40°C to +250°C (typical for glass types) | | **Lead Style** | Radial Leads (R suffix) | --- ## 2. Key Electronic Properties ### A. Negative Temperature Coefficient (NTC) As the temperature increases, the electrical resistance of the 10TS-150-R **decreases**. This relationship is non-linear and follows the Steinhart-Hart equation, allowing microcontrollers to calculate exact temperatures based on voltage drops. ### B. Glass Encapsulation The "10TS" series often utilizes a glass bead or glass-body construction. This provides: * **High Hermeticity:** Protects the internal ceramic element from moisture and oxidation. * **High-Temperature Stability:** Allows the sensor to operate in environments where epoxy-coated sensors would melt. * **Fast Response Time:** Small thermal mass allows it to react quickly to temperature changes. --- ## 3. Common Applications The 10TS-150-R is generally integrated into circuits for the following purposes: 1. **HVAC Systems:** Monitoring ambient air or refrigerant temperatures. 2. **Automotive:** Sensing engine oil or coolant temperatures. 3. **Industrial Process Control:** Monitoring heat sinks in power supplies to prevent overheating. 4. **Battery Packs:** Detecting "thermal runaway" during charging cycles. --- ## 4. Typical Circuit Integration In most electronic designs, this thermistor is used in a **Voltage Divider** configuration. ```cpp // Example: Basic logic for reading the 10TS-150-R with an Arduino int sensorPin = A0; float Vout, R_thermistor; float R_fixed = 10000.0; // 10k ohm fixed resistor void setup() { Serial.begin(9600); } void loop() { int raw = analogRead(sensorPin); Vout = (raw * 5.0) / 1023.0; R_thermistor = R_fixed * (5.0 / Vout - 1.0); // Further math required to convert R to Temperature (Celsius) } ```
    ✨ Follow-up Questions
    • ⤷ What is the B-value constant for the 10TS-150-R?
    • ⤷ How does glass encapsulation compare to epoxy coating for thermistors?
    • ⤷ What is the recommended maximum power dissipation for this component?