전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10TS-656-R

  • AI
    The **10TS-656-R** is a specific part number primarily associated with **push-button switches**, often utilized in consumer electronics, automotive controls, and industrial interfaces. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### ## 1. Technical Specifications The following table outlines the general technical parameters for this type of component: | Feature | Specification | | :--- | :--- | | **Component Type** | Tactile / Push Button Switch | | **Mounting Type** | Through-hole (typically) | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Actuator Style** | Round Button | | **Operating Force** | 160gf to 250gf (Commonly 160gf) | | **Voltage Rating** | 12V DC | | **Current Rating** | 50mA | | **Contact Resistance** | ≤ 100mΩ | --- ### ## 2. Key Features * **Tactile Feedback:** Provides a distinct "click" sensation to the user, confirming that the circuit has been closed. * **Durability:** Usually rated for 50,000 to 100,000 cycles, making it suitable for high-frequency use. * **Compact Footprint:** Designed to save space on Printed Circuit Boards (PCBs). * **Environmental Compliance:** The "R" suffix often denotes **RoHS compliance**, meaning the part is free from hazardous substances like lead. --- ### ## 3. Common Applications These switches are found in various electronic devices due to their reliability: 1. **Consumer Electronics:** Remote controls, microwave panels, and audio equipment. 2. **Computer Peripherals:** Reset buttons on PC towers or printer control panels. 3. **Industrial:** Reset switches on PLCs (Programmable Logic Controllers) and hand-held testers. 4. **Automotive:** Dashboard controls and keyless entry fobs. --- ### ## 4. Schematic Representation In an electronic circuit, the 10TS-656-R acts as a momentary "Normally Open" (NO) switch. ```cpp // Logic Diagram Terminal 1 ----\ ---- Terminal 2 (Push) // When pressed, the circuit completes. // When released, the spring returns the actuator to the Open position. ```
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the 10TS-656-R switch?
    • ⤷ Does this switch come in a Surface Mount (SMD) version?
    • ⤷ What is the recommended soldering temperature for this component?