전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10TS-7B6-R

  • AI
    The **10TS-7B6-R** is a specific electronic component, typically categorized as a **Tactile Switch** (also known as a momentary push-button switch). These components are ubiquitous in consumer electronics, providing physical feedback to the user when a button is pressed. --- ### 1. General Specifications While specific datasheets can vary slightly by manufacturer, the "10TS" series generally follows these technical parameters: | Parameter | Typical Value | | :--- | :--- | | **Type** | Tactile Switch (Momentary) | | **Circuit** | SPST (Single Pole Single Throw) | | **Voltage Rating** | 12V DC (standard for signal level) | | **Current Rating** | 50mA | | **Contact Resistance** | < 100mΩ | | **Operating Force** | 160gf to 250gf (Grams-force) | | **Mounting Type** | Through-Hole (THT) or Surface Mount (SMT) | --- ### 2. Breakdown of the Part Number Though naming conventions differ between brands (like Kingbright, Mors, or generic industrial suppliers), the code usually breaks down as follows: * **10TS**: The Series designation (often indicating a specific size, such as 6x6mm or 12x12mm). * **7B6**: This usually refers to the **actuator height** (e.g., 7.0mm) and the **button shape/style**. * **R**: Often stands for **RoHS Compliant** or refers to the packaging type (e.g., **Reel** for automated assembly). --- ### 3. Key Components of the Switch The internal architecture of the 10TS-7B6-R consists of several critical layers: 1. **Actuator (Button):** The part you press. In this model, it is usually made of hard plastic. 2. **Cover:** A metal plate that holds the internal components in place. 3. **Contact Dome:** A curved metal disc. When pressed, it collapses to complete the circuit and provides the "click" sound and feel. 4. **Base:** An insulating plastic housing that holds the terminals. 5. **Terminals:** The metal pins that are soldered to the PCB. --- ### 4. Common Applications Because of its small footprint and reliability, this part is used in: * **Consumer Electronics:** Remote controls, microwave panels, and calculators. * **Computer Peripherals:** Reset buttons on motherboards or side buttons on mice. * **Industrial:** Interface panels for machinery. * **Prototyping:** Frequently used on breadboards for Arduino or Raspberry Pi projects. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension (footprint) of the 10TS-7B6-R?
    • ⤷ Is the 10TS-7B6-R available in a sealed (waterproof) version?
    • ⤷ What is the mechanical life expectancy (actuation cycles) for this switch?