전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10TS-7D0-R

  • AI
    The **10TS-7D0-R** typically refers to a high-precision **NTC (Negative Temperature Coefficient) Thermistor**. These components are widely used in temperature sensing, compensation, and control applications. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (such as Thinking Electronic or similar specialized thermal component brands). | Feature | Specification | | :--- | :--- | | **Component Type** | NTC Thermistor | | **Resistance at 25°C** | 10k Ohms (indicated by "10") | | **Tolerance** | ±0.5% to ±1% (High precision) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Through-hole / Lead-type | | **RoHS Status** | Compliant (Indicated by "-R") | --- ### 2. Physical Characteristics * **Epoxy Coating:** The "7D0" segment often refers to the disk size (e.g., 7mm diameter) and the protective epoxy resin coating which provides environmental insulation. * **Leads:** Tin-plated copper wires for soldering onto PCBs. * **Small Form Factor:** Designed for space-constrained electronics. --- ### 3. Functional Principle As an **NTC** device, the electrical resistance of the 10TS-7D0-R **decreases** as the surrounding temperature **increases**. #### Resistance-Temperature Curve Example: ```python # Conceptual Python representation of the NTC curve import math def calculate_resistance(temp_c, r25, beta): temp_k = temp_c + 273.15 # Steinhart-Hart simplified Beta equation resistance = r25 * math.exp(beta * (1/temp_k - 1/298.15)) return resistance # At 25C, Resistance = 10,000 Ohms # At 100C, Resistance significantly drops (e.g., to ~600-900 Ohms) ``` --- ### 4. Common Applications * **Battery Packs:** Monitoring cell temperature during charging/discharging cycles. * **HVAC Systems:** Air and liquid temperature sensing. * **Power Supplies:** Thermal protection to prevent overheating of transistors and transformers. * **Home Appliances:** Coffee makers, ovens, and refrigerators. --- ### 5. Circuit Integration The 10TS-7D0-R is most commonly used in a **Voltage Divider** circuit. The output voltage is measured by a Microcontroller (MCU) via an Analog-to-Digital Converter (ADC) to calculate the temperature. 1. Connect one end to **VCC (5V/3.3V)**. 2. Connect the other end to an **ADC Pin** and a **Fixed Resistor** (usually 10k) going to **Ground**. 3. The voltage at the ADC pin changes linearly (within small ranges) with temperature.
    ✨ Follow-up Questions
    • ⤷What is the B-constant value for the 10TS-7D0-R?
    • ⤷ How do I calculate the temperature from the resistance value in C code?
    • ⤷ What is the difference between an NTC and a PTC thermistor?