전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10VF2-020-R

  • AI
    The **10VF2-020-R** is a specific type of electronic component, typically categorized as a **Single-Phase Power Line Filter** (also known as an EMI/RFI filter). These components are critical in electronics for suppressing electromagnetic interference between the power line and the equipment. ### 1. General Specifications The part number usually follows a specific nomenclature common in the filter industry (often associated with brands like TE Connectivity / Corcom or similar manufacturers). | Parameter | Specification | | :--- | :--- | | **Component Type** | EMI / RFI Power Line Filter | | **Phase** | Single Phase | | **Current Rating** | 10 Amperes | | **Voltage Rating** | 120 / 250 VAC | | **Operating Frequency** | 50/60 Hz | | **Mounting Style** | Flange Mount / Bolt-on | | **Termination Style** | Faston (Spade) terminals or Wire Leads | --- ### 2. Key Internal Components An EMI filter like the 10VF2-020-R is a passive network consisting of several internal parts: * **Inductors (Chokes):** Used to block high-frequency noise while allowing the 50/60Hz power frequency to pass. * **X-Capacitors:** Connected across the line (Line-to-Neutral) to suppress differential mode interference. * **Y-Capacitors:** Connected from the line/neutral to the ground to suppress common-mode interference. * **Bleeder Resistor:** Often included to discharge the capacitors safely once power is removed. --- ### 3. Applications These filters are used to ensure devices meet EMC (Electromagnetic Compatibility) regulations such as FCC or CE standards. Common applications include: 1. **Industrial Equipment:** Controlling noise in motor drives and power supplies. 2. **Medical Devices:** Reducing leakage current and protecting sensitive sensors. 3. **Computing:** Server power supplies and networking hardware. 4. **Home Appliances:** Preventing interference with radio and TV signals. --- ### 4. Technical Performance (Typical) Most "VF" series filters are designed for **high attenuation** performance, particularly in the lower frequency ranges (10kHz to 30MHz). ```text Input (L/N/G) ----> [ EMI Filter Circuit ] ----> Output (Load) | [Ground] ``` * **Insertion Loss:** This part is designed to provide significant decibel (dB) reduction of noise. * **Leakage Current:** Usually kept low to ensure safety in case of ground failure. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between differential mode and common mode noise in these filters?
    • ⤷ How do I calculate the maximum power load for a 10A filter at 230V?
    • ⤷ What are the specific mounting dimensions for the VF series housing?