전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10VF2-ZD0-R

  • AI
    The part number **10VF2-ZD0-R** typically refers to a specialized electronic component, often categorized as a **Surface Mount Device (SMD) Zener Diode** or a specific high-performance **Varistor/TVS (Transient Voltage Suppressor)**, frequently manufactured by companies like **Vishay** or used in specific industrial power modules. Below is a detailed breakdown of its characteristics and technical profile. --- ### 1. General Specifications While specific data can vary slightly based on the manufacturer prefix, the "10V" and "ZD" nomenclature generally point to the following technical profile: | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Zener Diode / Voltage Regulator | | **Nominal Zener Voltage ($V_z$)** | 10 Volts | | **Package Type** | SMD (e.g., SOD-123, SOD-323, or MELF) | | **Power Dissipation ($P_d$)** | 200mW to 500mW (depending on package size) | | **Tolerance** | ±2% to ±5% | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Part Number Breakdown The alphanumeric string follows a standard logic for electronic identification: * **10V**: Indicates the breakdown voltage or operating voltage (10 Volts). * **F2**: Often refers to the specific physical package size or the "Fast" response characteristic in protection circuits. * **ZD**: Stands for **Zener Diode**. * **0**: Internal manufacturer revision or design code. * **-R**: Indicates **RoHS compliance** (Lead-free) or **Tape & Reel** packaging for automated assembly. --- ### 3. Key Functions This component is primarily used for voltage stability and protection: 1. **Voltage Regulation**: It maintains a constant 10V output across a circuit even if the input current fluctuates. 2. **Overvoltage Protection**: It acts as a "safety valve" by shunting excess current to the ground if the voltage exceeds 10V, protecting sensitive downstream components. 3. **Signal Clipping**: Used in waveform generators to "clip" or limit the peaks of an AC signal to 10V. --- ### 4. Common Applications * **Power Supplies**: Used in the feedback loop to stabilize output. * **Microcontrollers**: Protects I/O pins from voltage spikes. * **Automotive Electronics**: Regulating power to sensors in 12V systems (where a 10V stable rail is required). * **Consumer Electronics**: Found in chargers and battery management systems. --- ### 5. Handling and Installation * **Polarity**: As a diode, it is polarized. Look for the "cathode band" (usually a line on one end of the package) to ensure correct orientation on the PCB. * **Soldering**: Being an SMD part, it requires reflow soldering or a fine-tip soldering iron. Excessive heat during installation can shift the Zener voltage.
    ✨ Follow-up Questions
    • ⤷What is the exact package size for the 10VF2-ZD0-R?
    • ⤷ Can this part be used in a 24V circuit for protection?
    • ⤷ What are the equivalent alternative part numbers for this component?