전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10VS-HA6-R

  • AI
    ## Overview of the 10VS-HA6-R The **10VS-HA6-R** is a specific electronic component belonging to the **VS series** of high-performance connectors, typically manufactured by **JST (Japan Solderless Terminals)**. It is part of the **Wire-to-Board** connector family, designed for high-density applications requiring secure electrical connections. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | 10VS-HA6-R | | **Number of Circuits** | 10 Positions | | **Pitch** | 2.0 mm | | **Connector Type** | Receptacle / Housing | | **Orientation** | Side Entry / Right Angle (indicated by -R) | | **Mounting Type** | Through-hole (typically) | | **Current Rating** | Up to 2A AC/DC | | **Voltage Rating** | 250V AC/DC | --- ### Detailed Breakdown of the Part Number 1. **10**: Indicates the **number of pins** (circuits). In this case, it is a 10-pin connector. 2. **VS**: Refers to the **Series Name**. The VS series is known for its compact design and locking mechanisms. 3. **HA**: Typically designates the **Housing Material** or specific body style (High-density Application). 4. **6**: Often refers to a specific **Color code** (Natural/White) or a design iteration. 5. **R**: Indicates the **Orientation**. In the context of JST VS connectors, "R" usually stands for **Right Angle** or Side-Entry mounting on the PCB. --- ### Mechanical & Material Properties * **Housing Material:** Usually made of Polyamide (Nylon), which provides excellent insulation and heat resistance during soldering. * **Locking Mechanism:** These connectors often feature a "friction lock" or a "positive lock" to prevent accidental disconnection caused by vibration or pulling. * **Operating Temperature:** Typically ranges from **-25°C to +85°C**, making it suitable for industrial and consumer electronics. ### Common Applications The 10VS-HA6-R is widely used in sectors where space is limited but reliability is paramount: * **Consumer Electronics:** TV internal wiring, gaming consoles. * **Industrial:** Control panels, sensor interfaces. * **Office Equipment:** Printers and photocopiers. --- ### Typical Mating Components To complete the circuit, this housing is paired with: * **Contacts (Terminals):** Crimp style terminals (e.g., SVS-01T-P0.5). * **Header (Male side):** The corresponding 10-pin header soldered to the PCB.
    ✨ Follow-up Questions
    • ⤷ What are the compatible crimp terminals for the 10VS series?
    • ⤷ Is there a vertical entry version of this 10-pin connector?
    • ⤷ What is the maximum wire gauge (AWG) supported by this series?