전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 10VS4-HA6-R

  • AI
    ## Overview of the 10VS4-HA6-R The **10VS4-HA6-R** is a specific model identifier typically associated with **Variable Displacement Axial Piston Pumps**, often manufactured by companies like **Nachi-Fujikoshi**. While it is primarily a hydraulic component, its operation and control often involve electronic integration in modern industrial systems. --- ### 1. Breakdown of the Model Code To understand the "parts" of this unit, we must decode the alphanumeric string: | Segment | Description | Meaning | | :--- | :--- | :--- | | **10** | Series/Size | Refers to the pump size or displacement (e.g., 10cm³/rev). | | **V** | Type | Variable displacement type. | | **S** | Pump Style | Usually denotes a specific mounting or frame style. | | **4** | Design Series | The specific engineering generation of the pump. | | **HA6** | Control Type | **Pressure Compensator Control** (specifically High-Pressure type). | | **R** | Rotation | Right-hand (Clockwise) rotation. | --- ### 2. Electronic Integration Components Although the core of the pump is mechanical, the **HA6** control system often interacts with electronic sensors and controllers in a closed-loop system: * **Pressure Sensors (Transducers):** Often paired with this pump to monitor output pressure and send 4-20mA or 0-10V signals to a PLC. * **Proportional Valves (Optional add-on):** Some versions utilize a proportional solenoid to electronically adjust the pressure set point or flow rate. * **Electronic Control Unit (ECU/PLC):** The "brain" that monitors the pump's performance and adjusts system parameters based on load requirements. * **Limit Switches:** May be used to detect the position of the swash plate (maximum or minimum displacement). --- ### 3. Technical Specifications The following table outlines the typical performance characteristics for this series: | Feature | Specification | | :--- | :--- | | **Max Operating Pressure** | ~21 - 25 MPa (approx. 3000-3600 PSI) | | **Speed Range** | 600 - 1800 RPM | | **Control Logic** | Compensator keeps pressure constant by adjusting displacement | | **Medium** | Petroleum-based hydraulic oil | --- ### 4. Maintenance and Spare Parts When looking for "electronic parts" for repair, focus on these areas: 1. **Solenoid Coils:** If the pump uses an electro-hydraulic pilot, check the coil resistance. 2. **Wiring Harness:** Ensure connections to the pressure compensator sensors are free from corrosion. 3. **Seals and Gaskets:** While mechanical, failure here can lead to fluid ingress into electronic sensors. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the HA6 control module?
    • ⤷ Can this pump be retrofitted with a proportional electronic volume control?
    • ⤷ What are the common failure symptoms of the pressure compensator in this model?