전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 11-1-R

  • AI
    In the context of electronics, the code **11-1-R** typically refers to a specific naming convention for **resistors**, specifically a series of **Metal Oxide Film Resistors** or specific **Thick Film Chip Resistors**. Below is a breakdown of what this part number usually represents in industrial electronics. --- ## 1. Component Identification: Metal Oxide Resistor The "11-1-R" sequence is most commonly associated with power resistors designed for high stability and reliability. | Feature | Specification | | :--- | :--- | | **Component Type** | Metal Oxide Film Resistor | | **Common Power Rating** | 1 Watt (denoted by the first "1") | | **Resistance Value** | 1 Ohm (denoted by the second "1") | | **Tolerance** | ±5% (standard for "R" or "J" series) | | **Coating** | Flameproof Silicone/Epoxy | --- ## 2. Technical Characteristics These parts are engineered to handle heat better than standard carbon film resistors. ### Key Specifications * **Operating Temperature:** Typically ranges from -55°C to +155°C. * **Overload Voltage:** Can usually withstand 2x to 5x the rated voltage for short durations. * **Durability:** High resistance to humidity and moisture. * **Safety:** The "Flameproof" coating ensures that the component does not catch fire if it fails due to an electrical surge. --- ## 3. Common Applications Due to their power handling capabilities, these resistors are found in the following circuits: 1. **Power Supplies:** Used as "bleeder" resistors or current limiters. 2. **Surge Protection:** Acting as a sacrificial component to protect more expensive ICs. 3. **Audio Equipment:** Used in amplifier output stages where heat dissipation is necessary. 4. **Industrial Controllers:** Used in motor control boards for signal conditioning. --- ## 4. Alternative Identification (SMD) If the part is a surface-mount device (SMD), the "11-1-R" might refer to a specific **taping and reeling** specification from manufacturers like KOA Speer or Yageo: * **11:** May represent the package size (e.g., 0603 or 0805 equivalent in specific series). * **1:** Quantity multiplier. * **R:** Denotes "Reel" packaging for automated pick-and-place machines. --- ### Comparison: Metal Oxide vs. Carbon Film | Feature | Metal Oxide (11-1-R) | Carbon Film | | :--- | :--- | :--- | | **Heat Resistance** | High | Moderate | | **Stability** | Excellent | Average | | **Noise Level** | Very Low | Moderate | | **Flame Resistance** | Flameproof | Flammable |
    ✨ Follow-up Questions
    • ⤷ How do I test a 1-ohm resistor using a digital multimeter?
    • ⤷ What are the physical dimensions of a standard 1W metal oxide resistor?
    • ⤷ Can I replace a metal oxide resistor with a metal film resistor of the same value?