전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 111MC-R

  • AI
    The **111MC-R** (often associated with the **Moxa IMC-101-M-ST-T** or similar industrial media converters) is an industrial-grade media converter designed to bridge copper Ethernet cables and fiber optic lines. Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ## 1. Core Technical Specifications The 111MC-R is engineered for harsh environments, focusing on signal integrity and physical durability. | Component | Specification | | :--- | :--- | | **Ethernet Port** | 10/100BaseT(X) (RJ45 connector) | | **Fiber Port** | 100BaseFX (ST or SC connector, Multi-mode) | | **Input Voltage** | 12 to 48 VDC (Redundant inputs) | | **Fiber Distance** | Up to 5 km (Multi-mode) | | **Operating Temp** | -40 to 75°C (T-models) | | **Housing** | IP30 Metal Case | --- ## 2. Key Electronic Components ### A. The PHY Chip (Physical Layer Transceiver) The heart of the device is the Ethernet PHY. This integrated circuit handles the conversion between the digital signals of the processor and the analog signals required for the copper (RJ45) and fiber (FX) interfaces. * **Auto-MDI/MDI-X:** Automatically detects straight-through or crossover cables. * **Link Fault Pass-Through (LFPT):** A specialized circuit that ensures if one side of the link fails, the other side is forced down to alert the network management system. ### B. Optical Transceiver Module This sub-assembly converts electricity into light (via an LED or Laser) and vice versa (via a Photodiode). * **Transmitter:** Usually a 1300nm wavelength light source. * **Receiver:** A high-sensitivity photodetector capable of picking up attenuated signals over long distances. ### C. Power Management Circuitry Industrial devices require high reliability. The power section includes: * **Redundant Power Inputs:** Two sets of terminal blocks to allow for a backup power supply. * **Protection Circuits:** Includes **TVs Diodes** (Transient Voltage Suppressors) for ESD protection and **Reverse Polarity Protection** to prevent damage if the power wires are swapped. ### D. Isolation and Protection * **Magnetic Isolation:** 1.5 kV built-in magnetic isolation for the RJ45 port to protect against surges and ground loops. * **Relay Output:** A physical "Alarm" contact that closes or opens if a power failure or link break occurs. --- ## 3. Physical Layout and Connectivity The 111MC-R follows a standard industrial DIN-rail form factor. ```text Front Panel Layout: +------------------------+ | [PWR1] [PWR2] [FAULT] | <-- LED Indicators | | | +--------------+ | | | RJ-45 | | <-- Ethernet Copper | +--------------+ | | | | +--------------+ | | | ST Fiber | | <-- Optical Interface | +--------------+ | | | | [DIP Switches] | <-- Configuration (LFPT, etc.) +------------------------+ ``` --- ## 4. Configuration via DIP Switches Unlike consumer electronics, the 111MC-R uses physical DIP switches for electronic configuration to ensure settings persist after power loss: 1. **Fiber Speed:** Force 100M or Auto. 2. **LFP (Link Fault Pass-Through):** Enable or Disable. 3. **Pause Frame:** Enable/Disable flow control.
    ✨ Follow-up Questions
    • ⤷ What is the significance of Link Fault Pass-Through (LFPT) in this device?
    • ⤷ How does the 111MC-R handle electromagnetic interference in industrial settings?
    • ⤷ Can the 111MC-R be used with Single-mode fiber instead of Multi-mode?