전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 1210F-R39

  • AI
    The part number **1210F-R39** typically refers to a **Fixed Surface Mount (SMD) Inductor**. Based on standard electronics industry nomenclature, this component is part of the "1210" series of chip inductors. --- ### 1. Part Number Breakdown To understand the component, we can deconstruct the code: | Segment | Meaning | Description | | :--- | :--- | :--- | | **1210** | Case Size | Dimensions are 0.12 x 0.10 inches (approx. 3.2 x 2.5 mm). | | **F** | Tolerance | Indicates a precision tolerance, usually **±1%**. | | **R39** | Inductance Value | "R" acts as a decimal point. 0.39 Microhenries (**0.39 µH**). | --- ### 2. Technical Specifications While specific manufacturers (like Bourns, Murata, or TDK) may have slight variations, a standard 1210F-R39 inductor generally follows these parameters: * **Inductance:** 0.39 µH (390 nH). * **Tolerance:** ±1% (High precision). * **Operating Temperature:** Typically -40°C to +125°C. * **Core Material:** Often Ferrite or Ceramic depending on the specific application (RF vs. Power). * **Termination:** Lead-free (RoHS compliant) tin plating. --- ### 3. Key Applications Because of its small size and high precision (1% tolerance), this part is commonly used in: 1. **RF Tuning Circuits:** Where exact inductance is required for frequency stability. 2. **Signal Filtering:** Removing high-frequency noise in communication devices. 3. **Power Management:** Localized DC-DC conversion in mobile devices. 4. **Impedance Matching:** Used in antenna circuits for smartphones and GPS modules. --- ### 4. Footprint and Dimensions If you are designing a PCB (Printed Circuit Board), the physical footprint is standardized: | Dimension | Metric (mm) | Imperial (inches) | | :--- | :--- | :--- | | **Length (L)** | 3.2 ± 0.3 | 0.126 | | **Width (W)** | 2.5 ± 0.2 | 0.098 | | **Height (H)** | ~2.2 max | ~0.087 | --- ### 5. Code Example: Schematic Labeling In professional EDA software (like KiCad or Altium), this part would be represented in a Bill of Materials (BOM) as follows: ```yaml Component: Fixed Inductor Package: 1210 (3225 Metric) Value: 0.39uH Tolerance: 1% Part_Number: 1210F-R39 ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for a typical 1210 size inductor?
    • ⤷ How does the 'F' tolerance compare to 'J' or 'K' tolerances?
    • ⤷ Can this inductor be used in high-frequency RF applications?