전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 1210F-R68

  • AI
    The part number **1210F-R68** typically refers to a **Surface Mount Device (SMD) Power Inductor**. This component is widely used in power management circuits to store energy in a magnetic field. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Part Number Deciphering The nomenclature of this component usually follows a standard industry format: | Segment | Meaning | Description | | :--- | :--- | :--- | | **1210** | Case Size | Dimensions are approximately 0.12 x 0.10 inches (3.2 x 2.5 mm). | | **F** | Tolerance | Typically denotes a $\pm1 \%$ or $\pm1.5 \%$ tolerance (manufacturer dependent). | | **R68** | Inductance Value | "R" acts as a decimal point. $0.68\ \mu\text{H}$ (microhenries). | --- ### 2. Technical Specifications While exact specs vary by manufacturer (such as Murata, TDK, or Bourns), a typical **1210F-R68** inductor features: * **Inductance:** $0.68\ \mu\text{H}$. * **Operating Temperature:** Generally $-40^{\circ}\text{C}$ to $+125^{\circ}\text{C}$. * **DC Resistance (DCR):** Low resistance to minimize power loss (usually in the milliohm range). * **Rated Current:** The maximum current it can handle before reaching a specific temperature rise or saturation. --- ### 3. Key Applications This specific inductor size and value are commonly found in: 1. **DC-DC Converters:** Used for voltage regulation in mobile devices. 2. **EMI Filtering:** Suppressing high-frequency noise in power lines. 3. **Signal Conditioning:** Decoupling and filtering in communication equipment. --- ### 4. Typical Footprint (Dimensions) The **1210** package is a standard metric **3225** size. | Dimension | Inches | Metric (mm) | | :--- | :--- | :--- | | Length (L) | 0.126 | 3.20 | | Width (W) | 0.098 | 2.50 | | Height (H) | Varies | 1.10 - 2.50 | --- ### 5. Selection Considerations When replacing or designing with this part, keep the following in mind: * **Saturation Current ($I_{sat}$):** Ensure the peak circuit current does not exceed the point where inductance drops significantly. * **Self-Resonant Frequency (SRF):** The inductor should operate well below its SRF to maintain inductive behavior. * **Material:** Usually ferrite-based for high efficiency.
    ✨ Follow-up Questions
    • ⤷What is the difference between an unshielded and a shielded 1210 inductor?
    • ⤷ How do I calculate the ripple current for a 0.68uH inductor?
    • ⤷ Which manufacturers are the primary suppliers for the 1210F series?