전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 1253_

  • AI
    It appears you are referring to the **1253 series** of electronic components. This number is most commonly associated with **SMD (Surface Mount Device) Power Inductors** or specific **Motor Controllers** (like the Curtis 1253). Below is a breakdown of the two most likely categories for "1253" electronics. --- ## 1. 1253 SMD Power Inductors In the context of passive electronic components, "1253" refers to the **physical size** (package dimensions) of a shielded power inductor. ### Specifications Table | Feature | Typical Value / Description | | :--- | :--- | | **Dimensions** | 12.5mm x 12.5mm x 6.0mm (approx.) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance Range** | 1.0µH to 1000µH | | **Core Material** | Ferrite | | **Shielding** | Magnetically shielded to prevent EMI | ### Key Applications * **DC-DC Converters:** Used in voltage regulation modules. * **Power Supplies:** Common in laptops, graphic cards, and industrial servers. * **Filtering:** Used to smooth out output current in high-power circuits. --- ## 2. Curtis 1253 Pump Motor Controller If you are looking at power electronics for electric vehicles or industrial machinery, the **1253** refers to a high-power MOSFET controller. ### Technical Overview | Parameter | Specification | | :--- | :--- | | **Nominal Input Voltage** | 24V, 36V, 48V, or 80V | | **Current Rating** | Up to 600 Amps | | **Operating Frequency** | 15.6 kHz (High frequency, silent operation) | | **Control Type** | PWM (Pulse Width Modulation) | ### Features 1. **Programmability:** Parameters like ramp rate and current limits can be adjusted via a handheld programmer. 2. **Thermal Protection:** Automatically reduces current if the unit overheats. 3. **Efficiency:** High-efficiency MOSFET design minimizes heat loss. --- ## 3. 1253 Chip Resistor (Rare) In some manufacturing standards, "1253" may refer to a large-format resistor, though **1206** and **2512** are more standard. A 1253 resistor would be roughly **0.12 x 0.53 inches**, designed for high power dissipation. --- ### Comparison of Parts If you are unsure which one you have, check the physical appearance: * **Small, square, grey/black block with two metal pads:** It is a **Power Inductor**. * **Large heavy metal box with thick bolts/terminals:** It is a **Motor Controller**. * **Flat ceramic chip with numbers on top:** It is a **Resistor**.
    ✨ Follow-up Questions
    • ⤷ Are you looking for the datasheet for a specific brand of 1253 inductor?
    • ⤷ Do you need the wiring diagram for the Curtis 1253 motor controller?
    • ⤷ Are you referring to a specific 1253-labeled integrated circuit (IC)?