전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 125LS30-R

  • AI
    The **125LS30-R** is a specific model of a **Line Reactor** (also known as an AC Reactor or Inductor), typically manufactured by companies like **MTE Corporation**. These components are critical in industrial power electronics, particularly for protecting Variable Frequency Drives (VFDs) and motors. --- ### 1. Technical Specifications The model number follows a specific nomenclature that defines its electrical characteristics: | Property | Specification | |:---|:---| | **Type** | Line / Load Reactor | | **Current Rating** | 125 Amps | | **Inductance Value** | 0.30 mH (Millihenries) | | **Phase** | 3-Phase | | **Impedance** | Typically 3% or 5% (depending on system voltage) | | **Mounting** | Open Frame (R-Suffix often denotes RoHS compliance or specific revision) | --- ### 2. Key Functions in a Circuit The 125LS30-R serves four primary purposes when installed in a power system: 1. **Transient Oversvoltage Protection:** It acts as a buffer against voltage spikes (surges) from the main power grid that could damage the sensitive DC bus capacitors in a VFD. 2. **Harmonic Reduction:** By adding impedance, it smooths out the non-linear current waveform drawn by power converters, reducing Total Harmonic Distortion (THD). 3. **Reducing Nuisance Tripping:** It prevents the drive from tripping due to "overvoltage" caused by rapid line fluctuations. 4. **Short Circuit Limitation:** It limits the rate of rise of fault currents ($di/dt$), providing a layer of protection for the semiconductor switches (IGBTs). --- ### 3. Physical Construction As a heavy-duty industrial component, its build consists of: * **Core:** Laminated silicon steel to minimize eddy current losses. * **Windings:** Copper or aluminum coils (depending on the specific series) designed to handle high thermal stress. * **Terminals:** Large lug connectors capable of accepting heavy-gauge industrial wiring for 125A service. --- ### 4. Wiring Diagram Concept In a typical application, the reactor is placed in series between the power source and the Load (VFD). ```text [ Power Source ] ----> [ 125LS30-R Reactor ] ----> [ Variable Frequency Drive ] ----> [ Motor ] (L1) ------------------ (A1 - A2) ------------------ (L1 Input) (L2) ------------------ (B1 - B2) ------------------ (L2 Input) (L3) ------------------ (C1 - C2) ------------------ (L3 Input) ``` --- ### 5. Selection Criteria When replacing or specifying this part, ensure the following match your system requirements: * **Full Load Amps (FLA):** Must be equal to or higher than the motor/drive's input current (125A in this case). * **Voltage Rating:** Usually rated up to 600V AC. * **Enclosure:** Ensure the "Open Type" (IP00) is suitable for your electrical cabinet, or if it requires a separate NEMA box.
    ✨ Follow-up Questions
    • ⤷ What is the difference between using this as a Line Reactor versus a Load Reactor?
    • ⤷ How do I calculate the voltage drop across the 125LS30-R?
    • ⤷ Can this reactor be used with a 50Hz power system instead of 60Hz?