AI

The **1285AS-H-R68M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to the **DFE322512C** series (or similar metal alloy series) often manufactured by companies like **Murata**.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% (M) |
| **DC Resistance (DCR)** | ~16 mΩ (Max) |
| **Rated Current (Isat)** | ~5.9 A (Based on inductance change) |
| **Rated Current (Itemp)** | ~4.7 A (Based on temperature rise) |
| **Case Size (Metric)** | 3225 (3.2mm x 2.5mm) |
| **Case Height** | 1.2 mm (Low profile) |
| **Core Material** | Metal Alloy (Shielded) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific nomenclature:
* **1285AS**: Refers to the internal series designator and physical structure.
* **H**: Often indicates the specific material grade or temperature rating.
* **R68**: The Inductance value. "R" acts as a decimal point, so $0.68$ microhenries ($\mu H$).
* **M**: The tolerance code, representing **±20%**.
---
### 3. Features & Material Composition
* **Metal Alloy Construction:** Unlike traditional ferrite inductors, this part uses a molded metal alloy powder. This allows for **Soft Saturation** characteristics, meaning the inductance drops gradually as current increases rather than dropping off sharply.
* **Magnetic Shielding:** The molded structure inherently provides magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components.
* **High Current Density:** Due to its metal core, it can handle significantly higher currents compared to ferrite inductors of the same physical size.
---
### 4. Common Applications
This inductor is typically found in compact, high-efficiency power stages:
1. **Smartphones & Tablets:** In CPU/GPU power rails where space is limited.
2. **DC-DC Converters:** Point-of-Load (POL) modules converting battery voltage to lower logic voltages.
3. **Laptops/Portable Electronics:** In ultra-thin devices requiring a profile height of 1.2mm or less.
---
### 5. Summary Pros and Cons
* **Pros:** Compact footprint, low profile, high saturation current, low acoustic noise, and excellent EMI shielding.
* **Cons:** Higher DC Resistance (DCR) compared to much larger through-hole inductors; metal alloy can be sensitive to extreme thermal cycling if not handled per soldering specs.
- ⤷
What is the difference between Isat and Itemp for this inductor?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?
- ⤷ What are the recommended footprint dimensions for soldering the 3225 package?