전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • 12P3B-R

  • AI
    The **12P3B-R** typically refers to a high-voltage, high-speed switching diode or a specific bridge rectifier series, often used in power supply circuits and industrial electronics. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### ## Technical Specifications The "12P3B-R" nomenclature usually points to a **Fast Recovery Rectifier** or a **Silicon Bridge Rectifier**. While exact specs can vary by manufacturer (such as DAWIN or Fuji), the standard parameters are generally as follows: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | Rectifier Diode | Converts AC to DC | | **Max. Peak Reverse Voltage ($V_{RRM}$)** | 200V - 600V | Maximum voltage it can block | | **Average Forward Current ($I_{F(AV)}$)** | 12A - 30A | Maximum continuous current | | **Forward Voltage Drop ($V_{F}$)** | ~1.1V to 1.3V | Voltage lost during conduction | | **Reverse Recovery Time ($t_{rr}$)** | Fast / Ultra-Fast | Time to stop conducting after polarity switch | | **Package Type** | TO-220 / TO-3P | Power electronics standard housing | --- ### ## Key Features 1. **Fast Recovery:** Designed to switch between "On" and "Off" states very quickly, minimizing energy loss in high-frequency applications. 2. **High Thermal Conductivity:** Usually built in a package that allows for easy attachment to a **heat sink**. 3. **Low Reverse Leakage:** Prevents power loss when the diode is in its blocking (reverse-biased) state. 4. **Glass Passivated Chip Junction:** Enhances reliability and stability under high-temperature conditions. --- ### ## Common Applications The 12P3B-R is primarily found in environments where power conversion and protection are required: * **Switching Power Supplies (SMPS):** Used in the output stage to rectify high-frequency AC. * **Inverters:** Essential for converting DC back to AC in solar or motor drive systems. * **Freewheeling Diode:** Used to protect transistors from inductive spikes in motor control circuits. * **Battery Chargers:** Efficiently handles high current during the charging cycle. --- ### ## Pinout and Mounting For a standard **TO-3P** or **TO-220** variant: * **Pin 1:** Anode * **Pin 2/Tab:** Cathode (Case is often connected to this pin) * **Pin 3:** Anode (If it is a "Center Tap" dual-diode configuration) > **Note:** Always verify the specific datasheet from the manufacturer (e.g., Sanken, Vishay, or Fuji) as naming conventions can occasionally overlap between different component types.
    ✨ Follow-up Questions
    • ⤷ What is the exact reverse recovery time (trr) for the 12P3B-R?
    • ⤷ How should I calculate the heat sink requirements for a 12A load?
    • ⤷ Can this part be used in a bridge rectifier configuration?